Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLADCSLC Datasheet(PDF) 2 Page - Ningbo songle relay co.,ltd

Part # SLADCSLC
Description  Miniature volume, PCB usage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLADCSLC Datasheet(HTML) 2 Page - Ningbo songle relay co.,ltd

  SLADCSLC Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLADCSLC Datasheet HTML 2Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30A
250VAC
20A
250VAC
30A 250VAC
20A 250VAC
20A
240VAC
1HP
16A 120VAC
C
US
E179944
R50056114
CQC08002027666
CQC08002027668
CQC
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
Safety Approval Ratings
OUTLINE DIMENSIONS ,WIRING DIAGRAM AND PC BOARD LAYOUT
Unit:mm
Physical installation diagram
PCB board diagram
(bottom view diagram)
Conversion C type
Normally open A type
Normally closed B type
Bottom view diagram B
Tolerance:±0.1mm
16A/20A/30A
SUBMINATURE HIGH POWER RELAY 5P
SLA Series
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com