Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLM-12-S-1-R-C Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SLM-12-S-1-R-C
Description  35A switching capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLM-12-S-1-R-C Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SLM-12-S-1-R-C Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLM-12-S-1-R-C Datasheet HTML 2Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A /B/C
≤200mV
Silver alloy:
AgCdO、AgSnO2、AgNi
20A/35A 14VDC
30VDC
35A (Resistive 14VDC)
1A 6VDC
1x10 ops
1x10
ops
5
7
SLM-12-S-1- R-C
Class B / Class F
100MΩ(500VDC)
550VAC 1minute
550VAC 1 minute
≤
10ms
≤
10ms
85% RH(20℃)
-40℃~+125℃
98m/s²
980m/s²
5Hz~22.3Hz 10mm
Approx 20g
ustproof and Sealed type
D
12
12
24
24
96
96
384
384
680
2700
70%Max 10%Min
130%
20A/35A
/ 24VDC
12VDC
A/B/C
1. 5
1. 7
1. 5
1. 7
23MAX
15
.5
M
A
X
W
VDC
Ω
±10%
Ω
Features
SLM Series
Contact arrangment
coil components
Parallel
Version
Construction
Coil Voltage
Part number
R:resistor/D:diode
without parallel components
Without:
1.PCB type
Without: QC terminal
S sealed / F dustproof
Ordering Information
Contact Rating
Characteristics
Coil Data
(
20℃)
at
Contact arrangment
endurance
Voltage drop
Contact material
Contact rating
Max switching voltage
Max switching current
Min contact load
Electrical endurance
(frequency: 900 ops/h)
(frequency: 18000 ops/h)
Mechanical
Voltage
Current Resistance
Power
dissipation
Max
allowable
Pick-up
Drop-out
voltage
voltage
Insulation resistance
Dielectric
Strength
Between contacts
and coil
Between open
contacts
Operate time(Under nominal voltage)
Release time(Under nominal voltage)
Humidity
Ambient Temperature
Shock
resistance
Functional
Destructive
Vibration resistance
( Double amplitude)
Weight
Construction
Insulation system
Remark:1)All above data is initial value
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
·35A switching capability
·Ambient temp.range upto 125℃
·Dustproof and sealed type available
AUTOMOTIVE RELAY
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400


Similar Part No. - SLM-12-S-1-R-C

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SLM-12-610E-1 SHINMEI-SLM-12-610E-1 Datasheet
119Kb / 3P
2mm Travel Miniature Sized Slide Switch
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
SLM-12-741-1-T45 SHINMEI-SLM-12-741-1-T45 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
SLM-12-741-T45 SHINMEI-SLM-12-741-T45 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
More results

Similar Description - SLM-12-S-1-R-C

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE20 HONGFA-HFE20_17 Datasheet
90Kb / 7P
16A switching capability
HFE19-60 HONGFA-HFE19-60_17 Datasheet
57Kb / 3P
60A switching capability
HF165FD-G HONGFA-HF165FD-G_17 Datasheet
59Kb / 3P
40A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
logo
Ningbo songle relay co....
SLMA SONGLERELAY-SLMA Datasheet
3Mb / 2P
35A switching capability
SLR SONGLERELAY-SLR Datasheet
3Mb / 2P
30A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
12A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
TRKF TIANBO-TRKF Datasheet
1,004Kb / 3P
15A switching capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com