Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7176 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP7176
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7176 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP7176 Datasheet HTML 6Page - Feeling Technology Corp. FP7176 Datasheet HTML 7Page - Feeling Technology Corp. FP7176 Datasheet HTML 8Page - Feeling Technology Corp. FP7176 Datasheet HTML 9Page - Feeling Technology Corp. FP7176 Datasheet HTML 10Page - Feeling Technology Corp. FP7176 Datasheet HTML 11Page - Feeling Technology Corp. FP7176 Datasheet HTML 12Page - Feeling Technology Corp. FP7176 Datasheet HTML 13Page - Feeling Technology Corp. FP7176 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FP7176
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
11/14
Efficiency
80
82
84
86
88
90
92
94
85
115
145
175
205
235
265
AC Input Voltage(V)
VLED=40V
VLED=60V
PWM Duty VS LED Current
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0
20
40
60
80
100
PWM Duty(%)
Load Regulation
0.35
0.36
0.37
0.38
0.39
20
25
30
35
40
45
50
55
60
LED Voltage
VAC=110V
VAC=220V
Line Regulation
0.36
0.365
0.37
0.375
0.38
85
115
145
175
205
235
265
AC Input Voltage(V)
VLED=40V
VLED=60V
AC Input Voltage VS Toff
18.8
18.9
19
19.1
19.2
85
115
145
175
205
235
265
AC Input Voltage(V)
Tem perature VS Toff
18.3
18.5
18.7
18.9
19.1
19.3
19.5
-25
-15
-5
5
15
25
35
45
55
65
75
85
Tem perature(℃ )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com