Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS41 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FS41
Description  Single Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS41 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FS41 Datasheet HTML 1Page - Feeling Technology Corp. FS41 Datasheet HTML 2Page - Feeling Technology Corp. FS41 Datasheet HTML 3Page - Feeling Technology Corp. FS41 Datasheet HTML 4Page - Feeling Technology Corp. FS41 Datasheet HTML 5Page - Feeling Technology Corp. FS41 Datasheet HTML 6Page - Feeling Technology Corp. FS41 Datasheet HTML 7Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FS41
Rev1.2 July. 04, 2011
P.4
FEELING
TECHNOLOGY
Recommended Operating Conditions
Values
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
-
3.0
28
V
Operating Temperature Range
TA
-
-40
125
Electrical Characteristics VDD=12.0V, TA=25
(unless otherwise specified)
Values
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Average Supply Current(no load)
IDD
-
3.5
10
mA
Output Saturation Voltage
VSAT
Isink= 20mA
200
400
mV
Output Rise time
tr
RL=500 , CL=20pF(Figure 7)
0.2
-
0.75
µs
Output Fall time
tf
RL=500 , CL=20pF(Figure 7)
20
-
150
ns
Magnetic Characteristics
Values
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operate Points
BOP
-
-
+90
G
Release Points
BRP
-90
-
-
G
Hysteresis
BHYST
30
-
120
G
Hysteresis Characteristics
Figure.6
B (Magnetic)
+N
Magnetic Flux Density in Gauss
Vout
0
-S
-S
+N
Vsat



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com