Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS209 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS209
Description  The Fig 2 is the hall sensor location, where marks the IC number
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS209 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS209 Datasheet HTML 1Page - Feeling Technology Corp. FS209 Datasheet HTML 2Page - Feeling Technology Corp. FS209 Datasheet HTML 3Page - Feeling Technology Corp. FS209 Datasheet HTML 4Page - Feeling Technology Corp. FS209 Datasheet HTML 5Page - Feeling Technology Corp. FS209 Datasheet HTML 6Page - Feeling Technology Corp. FS209 Datasheet HTML 7Page - Feeling Technology Corp. FS209 Datasheet HTML 8Page - Feeling Technology Corp. FS209 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Technology
FS209
Rev0.3 Dec.31, 2004(LF)
P1 / FS209
2-PHASE DC MOTOR DRIVE IC
GENERAL DESCRIPTION
The FS209, a 1-chip composed of hall sensor and output coil drivers, applied to a 2-phase
DC motor. The high sensitivity of Hall effect sensor is suitable for motors from mini-type
CPU coolers to blowers and DC fans. Typical operation current up to 0.45A and operating
voltage range is from 2.0V ~ 20V.
Using few external components, FS209, a high performance integrated IC, is designed for a
2-phase DC motor circuit. The circuit diagram of the typical application example is as
below.
FEATURES
˙
1 chip hall sensor / drivers
˙
Wide operating voltage range: 2.0V~20V
˙
Output sink current up to 0.45A
˙
Thermal shutdown protect
˙
Package : TO-92SP-4
TYPICAL APPLICATION CIRCUIT
TO-92SP-4
FTC
S209.
VCC


Similar Part No. - FS209

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS20 XPPOWER-FS20 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
TE Connectivity Ltd
FS20 TEC-FS20 Datasheet
165Kb / 4P
Essentially Unlimited Cycle Life Expectancy
logo
TRIAD MAGNETICS
FS20-055 TRIAD-FS20-055 Datasheet
47Kb / 1P
FS20-055
logo
List of Unclassifed Man...
FS20-055 ETC2-FS20-055 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS20-055-C2 TRIAD-FS20-055-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
More results

Similar Description - FS209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91A1AB28A15 ETC1-91A1AB28A15 Datasheet
338Kb / 3P
For technical assistance call the Sensor Controls Products number on the back cover
logo
Honeywell Solid State E...
SS94A1F HONEYWELL-SS94A1F Datasheet
60Kb / 1P
CENTERLINE OF NALL CELL ONLY THE LOCATION OF THE CERAMIC COVER IS NOT SPECIFIED
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
The flyback converter is a popular choice in applications where the required power
28-Nov-2006
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-2A2 A-BRIGHT-AL-01CEUV3WC-2A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-3A2 A-BRIGHT-AL-01CEUV3WC-3A2 Datasheet
311Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEWW1WCP-A2 A-BRIGHT-AL-01CEWW1WCP-A2 Datasheet
657Kb / 11P
Lead spacing is measured where the leads emerge from the package
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
709Kb / 35P
The AS6200 IC is a high accuracy temperature sensor system
logo
Feeling Technology Corp...
FS200 FEELING-FS200 Datasheet
227Kb / 12P
The Fig 2 is the hall sensor location, where marks the IC number
FS210 FEELING-FS210 Datasheet
347Kb / 13P
Fig 5 is the example of typical application circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com