Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS220 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FS220
Description  2 Phase High Voltage DC Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS220 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FS220 Datasheet HTML 1Page - Feeling Technology Corp. FS220 Datasheet HTML 2Page - Feeling Technology Corp. FS220 Datasheet HTML 3Page - Feeling Technology Corp. FS220 Datasheet HTML 4Page - Feeling Technology Corp. FS220 Datasheet HTML 5Page - Feeling Technology Corp. FS220 Datasheet HTML 6Page - Feeling Technology Corp. FS220 Datasheet HTML 7Page - Feeling Technology Corp. FS220 Datasheet HTML 8Page - Feeling Technology Corp. FS220 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FS220
Technology
2 Phase High Voltage DC Motor Driver IC
Rev0.5 May 11, 2005(LF)
P4/FS220
DC Electrical Characteristics (at Ta = 25
oC)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VCC
No use pin is open (Fig1)
2.8
-
28
V
Quiescent Supply current
ICC
No use pin is open Vcc :
2.8V to 28V (Fig1)
-
3.6
5
mA
Output Leakage current
IOFF
Vcc=24V, Vce=24V
-
<0.1
10
uA
NO/SO Saturation Voltage
VSAT
Io = 450mA
-
-
1.2
V
AC Eletrical Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rise time
(tr)
RL=100ohm(5w) CL=20pF
(Fig1)
0.1
0.3
uS
Fall time
(tƒ )
RL=100ohm(5w) CL=20pF
(Fig1)
100
180
nS
0
25
50
75
100
125
150
440
570
700
Pd (mW)
Temp. (
)
o C
Power Dissipation Curve
175
310
180
51
0
85oC
160 oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com