Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS220LF-B Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FS220LF-B
Description  2 Phase High Voltage DC Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS220LF-B Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FS220LF-B Datasheet HTML 4Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 5Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 6Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 7Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 8Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 9Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 10Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 11Page - Feeling Technology Corp. FS220LF-B Datasheet HTML 12Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FS220
Technology
2 Phase High Voltage DC Motor Driver IC
Rev0.5 May 11, 2005(LF)
P8/FS220
Function Descriptions
HALL SENSOR LOCATION
The Fig 2 is the hall sensor location, where marks the IC number. The best sensitivity,
which can be intensified as much as possible, depends on the vertical distance and position
between magnetic pole and the hall sensor (Fig 3). For the single-phase motor, this design
is very important.
X
Y
X
Y
UNIT
mm
mm
1.75
1.35
Fig 2 FS220 Hall Sensor Location
N
S
d
d1: hall sensor to case is 0.52mm
Fig 3 Magnetic Distribution and Z-axis position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com