Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1102 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS1102
Description  Single Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS1102 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS1102 Datasheet HTML 1Page - Feeling Technology Corp. FS1102 Datasheet HTML 2Page - Feeling Technology Corp. FS1102 Datasheet HTML 3Page - Feeling Technology Corp. FS1102 Datasheet HTML 4Page - Feeling Technology Corp. FS1102 Datasheet HTML 5Page - Feeling Technology Corp. FS1102 Datasheet HTML 6Page - Feeling Technology Corp. FS1102 Datasheet HTML 7Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FS1102
Single Hall Effect Latch
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 Jul. 12, 2011
P.1
FEELING
TECHNOLOGY
Features
Wide operating voltage range: 3.0V to 28V
Maximum output sink current 50mA
Open-Collector pre-driver
Power reverse polarity protection
Available in SIP-3L package
General Description
The FS1102 is an integrated Hall effect latched sensor designed for electronic commutation of brush-less DC motor
applications. The device includes an on-chip Hall voltage generator for magnetic sensing, a comparator that
amplifies the Hall voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and
open-collector output. An internal bandgap regulator is used to provide temperature compensated supply voltage
for internal circuits and allows a wide operating supply range.
A north pole of sufficient strength will turn the output ON. In the absence of a magnetic field, the output is OFF.
Block Diagram
Figure.1
Vdd
Regulator
Hall
Sensor
1
2
3
Gnd
Output
Halogen Free


Similar Part No. - FS1102

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FS110 FS-FS110 Datasheet
280Kb / 2P
Schottky Rectifier
More results

Similar Description - FS1102

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
Single Hall Effect Latch
FS3144 FEELING-FS3144 Datasheet
102Kb / 7P
Single Hall Effect Latch
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com