Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS181 Datasheet(PDF) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

Part # 1SS181
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
Direct Link  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.

1SS181 Datasheet(HTML) 1 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

  1SS181 Datasheet HTML 1Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. 1SS181 Datasheet HTML 2Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD.
SOT-23 封装半导体二极管/SOT-23 Plastic-Encapsulate Diodes
1SS181( SWITCHING DIODE )
特点/Features:
低导通压降;
反向恢复时间短
用途/Applications:
高速开关电路。
印章/Marking: A3
极限参数/Absolute maximum ratings(Ta=25℃)
参数/Parameter
符号/ Symbol
数值/Value
单位/Unit
反向峰值电压/Non-Repetitive Peak Reverse Voltage
V
RM
85
V
反向电压/Reverse Voltage
V
R
80
V
正向连续电流/Forward Continuous Current
I
F
300
mA
平均整流输出电流/Average Rectified Output Current
I
O
100
mA
功率/ Power Dissipation
P
D
0.15
W
结温/Junction Temperature
Tj
150
℃
储存温度/Storage Temperature
Tstg
-55~150
℃
电性能参数/Electrical characteristics (Ta=25℃)
参数/Parsmeter
符号
测试条件
最小值
典型值
最大值
单位
反向击穿电压
Reverse Breakdown Voltage
V
R
I
R=100μA
80
V
正向电压
Forward Voltage
V
F1
I
F=1mA
0.61
V
V
F2
I
F=10mA
0.74
V
V
F3
I
F=100mA
0.92
1.2
μA
反向漏电流
Reverse Current
I
R1
V
R=30V
0.1
μA
I
R2
V
R=80V
0.5
μA
端电容
Capacitance Between Terminals
C
T
V
R=0,f=1MHz
2.2
4.0
pF
反向恢复时间
Reverse Recovery Time
t
rr
I
F=IR=10mA,
Irr=0.1хI
R
1.6
4.0
nS


Similar Part No. - 1SS181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
logo
TRANSYS Electronics Lim...
1SS181 TEL-1SS181 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS181 BILIN-1SS181 Datasheet
516Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS181 KEXIN-1SS181 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results

Similar Description - 1SS181

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
B5819WS SHENZHENSLS-B5819WS Datasheet
297Kb / 1P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com