Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5525 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5525
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5525 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5525 Datasheet HTML 8Page - Leadtrend Technology LD5525 Datasheet HTML 9Page - Leadtrend Technology LD5525 Datasheet HTML 10Page - Leadtrend Technology LD5525 Datasheet HTML 11Page - Leadtrend Technology LD5525 Datasheet HTML 12Page - Leadtrend Technology LD5525 Datasheet HTML 13Page - Leadtrend Technology LD5525 Datasheet HTML 14Page - Leadtrend Technology LD5525 Datasheet HTML 15Page - Leadtrend Technology LD5525 Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LD5525
06/30/2015
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5525-DS-00 June 2015
95uA
t
Vcc
t
OUT
Switching
Non-Switching
t
IFB
t
Line Voltage
80uA
Non-
Switching
Normal Range
UVLO(on)
UVLO(off)
Fig. 15
Over Voltage Protection on FB pin (FB
OVP)
– Auto Recovery
An output overvoltage protection is implemented in the
LD5525. The auxiliary winding voltage can be reflected
from secondary winding, in which the FB pin voltage is
proportional to output voltage during the gate off time.
OVP is worked by sensing the auxiliary voltage via the
divided resistors R2, refereeing to Fig. 14. The equation of
FB OVP is shown as follows.
����2 =
����1 ∙ ������������_������������
�������� − ������������_������������
�������� =
��������
��������
�������� + ��������
VFB_OVP is the FB pin OVP trip voltage level. Va is the
auxiliary winding voltage which reflects from the forward
voltage VF of Schottky diode and output voltage VO. NS is
turns ration of secondary-side winding.
If VFB overs the FB OVP trip level, the internal counter
starts counting 8 cycles, and then LD5525 goes to
auto-recovery protection mode till the FB OVP status is
defused
Under
Voltage
Protection
on
FB
pin
(FB UVP)
– Auto Recovery
In order to prevent output short situation, LD5525 is
implemented by FB_UVP. When the output load is
shorted to ground, the voltage suddenly decreases to zero,
which always reflects to auxiliary winding during the gate
off region. Therefore, as VFB is lower than 1V during gate
off region, and then the FB_UVP is triggered.
Over Temperature Protection on CS pin
(CS OTP)- Auto Recovery
LD5525 is implemented over temperature protection on
CS pin which senses voltage to determine NTC status
during gate off region. As VCS is greater than 0.5V and
continues for 8 cycles, CS_OTP is triggered, than LD5525
is in auto recovery mode till the temperature drops to
setting work condition.
Oscillator and Switching Frequency
The LD5525 is implemented with Frequency Swapping
function which helps the power supply designers to both
optimize EMI performance and lower system cost.
Green Mode Operation
By using the green-mode control, the switching frequency
can be reduced under the light load condition. This feature
helps to improve the efficiency in light load conditions.
The green-mode control is Leadtrend Technology
’s own
property.
Fault Protection
There are several critical protections integrated in the
LD5525 to prevent from damage to the power supply.
Those damages usually come from open or short
conditions on the pins of LD5525.
In case under such conditions listed below, the gate
output will turn off immediately to protect the power circuit.
1.
CS pin floating
2.
COMP pin floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com