Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK320S Datasheet(PDF) 1 Page - Linkage Goston Electronics Co., LTD

Part # LNK320S
Description  HIgh-ElectronIc LED Constant stream drive chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LNK320S Datasheet(HTML) 1 Page - Linkage Goston Electronics Co., LTD

  LNK320S Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LNK320S Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
高效 LED 恒流驱动芯片 QTOQIAV1.0
- 1 -
特点
宽输入电压范围 85Vac~265Vac
恒流精度±5%
支持非隔离的低成本 BUCK 驱
动方案
支持隔离的 PSR 反激拓扑
内置自恢复的输出开短路保护
功能
CS 开路保护功能
外置功率 MOS 管
封装形式:SOT23-6
应用领域
筒灯或吸顶灯
平板灯
LED 照明驱动
概述
芯片是一款高精度、高效率的 LED 恒流驱动控制芯片,在全
电压 85Vac~265Vac 输入电压范围内,恒流精度可达±5%。
芯片既支持非隔离的 BUCK 方案,同时也支持 PSR 反激拓扑,
无需任何补偿元件,即可实现恒定的电流输出,外围器件少,方案成本低。
芯片内置自恢复的 LED 输出开短路保护电路,提高系统可靠性、安全性。
管脚图
SOT23-6
典型示意电路图
BUCK 应用
说明:BUCK 应用时,需要将 CTRL 端口接到高电位(HVDD)。
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn
LNK320S
LNK320S
LNK320S
LNK320S
LNK320S


Similar Part No. - LNK320S

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK3202D POWERINT-LNK3202D Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
June 2022
LNK3202G POWERINT-LNK3202G Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
June 2022
LNK3202P POWERINT-LNK3202P Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
June 2022
LNK3202P/G/D POWERINT-LNK3202P/G/D Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level
June 2023
LNK3202PGD POWERINT-LNK3202PGD Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level
June 2023
More results

Similar Description - LNK320S

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
LNK520S LINKAGE-LNK520S Datasheet
3Mb / 9P
HIgh-ElectronIc LED Constant stream drive chip
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
Constant current LED drive chip
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
Constant current LED drive chip
SM7320 LINKAGE-SM7320 Datasheet
3Mb / 9P
HIgh-ElectronIc LED Constant stream drive chip
SM7322P LINKAGE-SM7322P Datasheet
1Mb / 7P
HIgh-ElectronIc LED Constant stream drive chip
SM7330B LINKAGE-SM7330B Datasheet
1Mb / 6P
High power factor LED constant current drive chip
SM7350 LINKAGE-SM7350 Datasheet
1Mb / 7P
High power factor LED constant current drive chip
SM7520 LINKAGE-SM7520 Datasheet
2Mb / 9P
HIgh-ElectronIc LED Constant stream drive chip
SM7522P LINKAGE-SM7522P Datasheet
2Mb / 8P
HIgh-ElectronIc LED Constant stream drive chip
logo
Shenzhen Huazhimei Semi...
HM6289A HMSEMI-HM6289A Datasheet
744Kb / 8P
high-power LED constant current drive control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com