Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPB-1W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPB-1W
Description  1W 3KVDC Isolation Regulated Single Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPB-1W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPB-1W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPB-1W Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.gztoppower.com
TEL:020-82019000
EMAIL:sales2@gztoppower.com
page 2 of 2
TPB-1W Series
COMMON SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Units
Storage humidity
Test Condition
95
%
Operating temperature
Derating if the temperature ≥85°C
-40
105
℃
Storage temperature
-55
125
℃
Temp. Rise at full load
15
25
℃
Lead temperature
300
℃
Short circuit protection
TPBxx05S-1W
1
S
Short circuit protection
Others
Continuous
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
SIP
2.1
g
TEMPERATURE DERATING GRAPHS
RECOMMENDED FOOTPRINT DETAILS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
6
+Vout
TUBE OUTLINE DIMENSIONS
9.30
5.00
All dimensions in mm ±0.25mm Tube Quantity : 25PCS
4 HOLES
1.00
1.15
2.54
SIP Package
All dimensions in mm ±0.25 mm. All pins on a 2.54mm pitch. Weight: 2.1g
19.50
TPB0505S-1W
YYWW
2.54
12.70
1.88±0.50
1 2
4
6
6.00
10.00
0.55
0.45
4.60
3.60
0.30
0.20
1.25
bottom view
TOPPOWER
1.5
1.0
0.5
0
-40
0
50
100
150
Am bient Temperature(°C)
85°C
Safe O perating Area
105
TOPPOWER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com