Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7552B Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7552B
Description  Green-Mode PWM Controller with Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7552B Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7552B Datasheet HTML 8Page - Leadtrend Technology LD7552B Datasheet HTML 9Page - Leadtrend Technology LD7552B Datasheet HTML 10Page - Leadtrend Technology LD7552B Datasheet HTML 11Page - Leadtrend Technology LD7552B Datasheet HTML 12Page - Leadtrend Technology LD7552B Datasheet HTML 13Page - Leadtrend Technology LD7552B Datasheet HTML 14Page - Leadtrend Technology LD7552B Datasheet HTML 15Page - Leadtrend Technology LD7552B Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LD7552B
13
Leadtrend Technology Corporation
LD7552B-DS-01a January 2008
BOM
P/N
Component Value
Original
R1A
1M
Ω, 1206
R1B
1M
Ω, 1206
R2A
510K
Ω, 1206
R2C
510K
Ω, 1206
R3A
1M
Ω, 1206
Open
R3B
1M
Ω, 1206
Open
R4A
100K
Ω, 1206
R4B
100K
Ω, 1206
R5A
100
Ω, 1206
R5B
100
Ω, 1206
R6
10
Ω, 1206
R8
0.47
Ω, 1W
R9
1.5K
Ω, 0805
R10
10
Ω, 1206
R14
0
Ω, 0805
RT
100K
Ω, 0805,1%
R51A
100
Ω, 1206
R51B
100
Ω, 1206
R121A
100
Ω, 1206
R121B
100
Ω, 1206
R52
3.6K
Ω, 0805, 1%
R53
2.49K
Ω, 0805, 1%
R54
200
Ω, 0805
R55
1K
Ω, 0805
R99A
N/A
R99B
N/A
R100A
N/A
R100B
N/A
R121
33K
Ω, 0805
R122
1K
Ω, 0805
FL1
Leadtrend’s Design
FL2
Leadtrend’s Design
T1
Leadtrend’s Design
L2
Bead Core
L51
Leadtrend’s Design
L121
Leadtrend’s Design
P/N
Component Value
Note
C1
100
μF, 400V
L-tec
C2
1000pF, 1000V, 1206
X7R
C4
10
μF, 50V
L-tec (LZG)
C5
100pF, 50V, 0805
X7R
C6
0.022
μF, 50V, 0805
X7R
C8
33
μF, 50V
L-tec (LZG)
C10
0.1
μF, 50V, 0805
X7R
C51
1000pF, 250V, 1206
C52
470
μF, 16V
L-tec (LZG)
C53
1000
μF, 25V
L-tec (LZG)
C55
0.01
μF, 50V, 0805
X7R
C121
1000pF, 250V, 1206
C122
1000
μF, 25V
L-tec (LZG)
C123
470
μF, 16V
L-tec (LZG)
CX1
0.22
μF,X-cap
CY1
2200pF,Y-cap, class2
CY2
2200pF,Y-cap, class2
CY3
2200pF,Y-cap, class2
D1
1N4007
D2
PS102R
D3
1N4148
D4
1N4148
ZD51
5V1B
ZD121
7.5V, 1W
ZD122
15V
Q1
6A, 600V
SSS6N60A
BD1
2A, 600V
2KBP06M
CR51
10A, 100V
Y1010DN
CR121
10A, 60V
SBL1060CF
IC1
LD7552B
Leadtrend
IC2
EL817B
EVERLIGHT
IC51
TL431, 1%
F1
250V,T2A
Walter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com