Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPL
Description  2W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPL Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPL Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
The TPL series are miniature, isolated 2W DC/DC converters in a SIP package. They offer the
ideal solution in many space critical applications for board level power distribution. The internal
SMD construction makes it possible to offer a product with high performance at low cost. The
series offers smaller size, improved efficiency, lower output ripple noise and 1.5KVDC isolation.
2W 1.5KVDC Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current(Max./Min)
Efficiency
V
V
mA
%
TPL0503S
5
3.3
606/60.6
80
TPL0505S
5
5
400/40
77
TPL0507S
5
7.2
270/27
80
TPL0509S
5
9
221/22.1
80
TPL0512S
5
12
168/16.8
83
TPL0515S
5
15
132/13.2
82
TPL1203S
12
3.3
606/60.6
80
TPL1205S
12
5
400/40
80
TPL1209S
12
9
221/22.1
84
TPL1212S
12
12
168/16.8
86
TPL1215S
12
15
132/13.2
85
Add suffix “P” for continuous short circuit protection, for example TPL0505SP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Reflected ripple current
5V input variants
35
mA p-p
Reflected ripple current
12V input variants
40
mA p-p
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Max.
Units
Rated Power
TA= -40°C to 85°C
2.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.2
%/%
Load Regulation(10% load to rated load)
3.3V & 5V output variants
9
%
Load Regulation(10% load to rated load)
9V output variants
5
%
Load Regulation(10% load to rated load)
12V output variants
6
%
Load Regulation(10% load to rated load)
15V output variants
9
%
FEATURES
RoHS compliant
、CE certification
Single isolated output
1.5KVDC isolation
Efficiency up to 86%
Operating temperature: -40ºC to 105ºC
Power density 2.0W/cm
3
UL 94V-0 package material
Footprint from 1.05cm
2
Industry standard pinout
Input voltage: 5V, 12V
Output voltage: 3.3V,5V, 9V, 12V,15V
Custom solutions available
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300
Internal power dissipation
800mW
Input voltage Vin, TPL05XX types
7V
Input voltage Vin, TPL12XX types
15V
TOPPOWER


Similar Part No. - TPL

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL Datasheet
195Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
logo
TT Electronics.
TPL TTELEC-TPL Datasheet
583Kb / 2P
Industrial OEM Pressure Transmitters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
2W Isolated Single Output DC/DC Converters
More results

Similar Description - TPL

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE Datasheet
635Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W5 TOPPOWER-TPLE-W5 Datasheet
633Kb / 3P
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
TPL_19 TOPPOWER-TPL_19_04 Datasheet
195Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE_V01 Datasheet
762Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPE-2W TOPPOWER-TPE-2W Datasheet
254Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com