Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV3.3V Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPV3.3V
Description  1W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV3.3V Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPV3.3V Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV3.3V Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV3.3V Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPV 3.3V,5V,9V,12V&15V Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
:
:
:
:
The TPV series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer
the ideal solution in many space critical applications for board level power distribution. The Internal
SMD construction makes it possible to offer a product with high performance at low cost. The series
offers smaller size, improved efficiency and 3KVDC isolation.
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant
Efficiency to 80%
Power density up to 0.85W/cm
3
Operating temperature: -40ºC to 105ºC
Single or dual output
UL 94V-0 package material
Power sharing on dual output
3KVDC isolation (1 minute)
Input voltage: 3.3V,5V,9V,12V,15V
CE certification
/
Output voltage: 3.3V,5V,9V,12V,15V,24V /±5V,±9V,±12V,±15V
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPV0303DA
3.3
3.3
303/30.3
72
DIP
TPV0305DA
3.3
5
200/20
72
DIP
TPV0503DA
5
3.3
303/30.3
73
DIP
TPV0505DA
5
5
200/20
72
DIP
TPV0509DA
5
9
111/11.1
75
DIP
TPV0512DA
5
12
84/8.4
76
DIP
TPV0515DA
5
15
67/6.7
78
DIP
TPV0524DA
5
24
42/4.2
79
DIP
TPV0303SA
3.3
3.3
303/30.3
72
SIP
TPV0305SA
3.3
5
200/20
72
SIP
TPV0503SA
5
3.3
303/30.3
73
SIP
TPV0505SA
5
5
200/20
83
SIP
TPV0509SA
5
9
111/11.1
75
SIP
TPV0512SA
5
12
84/8.4
76
SIP
TPV0515SA
5
15
67/6.7
78
SIP
TPV0524SA
5
24
42/4.2
79
SIP
TPV0909SA
9
9
111/11.1
79
SIP
TPV0915SA
9
15
67/6.7
82
SIP
TPV1205DA
12
5
200/20
72
DIP
TPV1209DA
12
9
111/11.1
75
DIP
TPV1212DA
12
12
84/8.4
77
DIP
TPV1215DA
12
15
67/6.7
78
DIP
TPV1203SA
12
3.3
303/30.3
70
SIP
TPV1205SA
12
5
200/20
72
SIP
TPV1209SA
12
9
111/11.1
75
SIP
TPV1212SA
12
12
84/8.4
77
SIP
TPV1215SA
12
15
67/6.7
78
SIP
TPV1224SA
12
24
42/4.2
79
SIP
TPV1505DA
15
5
200/20
69
DIP
TPV1505SA
15
5
200/20
72
SIP
TPV1509SA
15
9
111/11.1
73
SIP
TPV1512SA
15
12
84/8.4
74
SIP
TPV1515SA
15
15
67/6.7
78
SIP
TPV0505D
5
±5
±100/±10
72
DIP
TPV0509D
5
±9
±55/±5.5
77
DIP
TPV0512D
5
±12
±43/±4.3
78
DIP
TPV0515D
5
±15
±33/±3.3
80
DIP
TPV0505S
5
±5
±100/±10
72
SIP
TPV0509S
5
±9
±55/±5.5
77
SIP
TPV0512S
5
±12
±43/4.3
78
SIP
TPV0515S
5
±15
±33/±3.3
80
SIP
TPV1205D
12
±5
±100/±10
72
DIP
TPV1209D
12
±9
±55/±5.5
74
DIP
TPV1212D
12
±12
±43/±4.3
76
DIP
TPV1215D
12
±15
±33/±3.3
77
DIP


Similar Part No. - TPV3.3V

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TPV3100 ASI-TPV3100 Datasheet
33Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. C
logo
TECH PUBLIC Electronics...
TPV321L TECHPUBLIC-TPV321L Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321LC5 TECHPUBLIC-TPV321LC5 Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321LS5 TECHPUBLIC-TPV321LS5 Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results

Similar Description - TPV3.3V

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
NMV CANDD-NMV Datasheet
119Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com