Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # 5000
Description  PROGRAMMING EASE WITH OPTIONS FOR FILTER AND SOFTENER APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

5000 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  5000 Datasheet HTML 1Page - Pentair plc. All rights reserved. 5000 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VALVE SPECIFICATIONS
Valve Material
Fiber-reinforced polymer
Inlet/Outlet
3/4", 1", or 1-1/4" NPT/
BSP/Sweat
Cycles
5
FLOW RATES (50 PSI INLET) – VALVE ALONE
Continuous
21 GPM
15 psi drop
(4.8 m3/h)
Peak
27 GPM
25 psi drop
(6.1 m3/h)
Cv
5.4
flow at 1 psi drop
Max. Backwash
17 GPM (3.9 m3/h)
25 psi drop
REGENERATION
Downflow/Upflow
Both
Adjustable Cycles
Yes
Time Available
SXT:
0 - 199 min/cycle
METER INFORMATION
Meter Accuracy
3/4" Paddle/Turbine:
0.25 - 15 GPM ± 5%
(0.06 - 3 m3/h)
Meter Capacity Range
SXT:
1 - 999,900 gal
(0 - 3,785 m3)
DIMENSIONS
Distributor Pilot
1.05" O.D. (26.7 mm)
Drain Line
1/2" NPTF
Quick-Connect
Brine Valve
1600:
3/8"
Injector System
1610
Mounting Base
2.5"– 8 NPSM
Height from
Top of Tank
8" (203 mm)
Riser Tube Diameter
3/4" (19 mm)
Riser Height
Flush with top of tank
TYPICAL APPLICATIONS
Water Softener
6 - 16" diameter
Filters
6 - 16" diameter
based on 10 GPM/ft2
ADDITIONAL INFORMATION
Electrical Rating
110/220V
50/60 Hz
Max. VA
8.4
Estimated Shipping Weight
Time Clock:
8 lbs
Metered Valve:
9 lbs
Pressure
Hydrostatic:
300 psi
(20 bar)
Working:
20 - 125 psi
(1.4 - 8.5 bar)
Temperature
Cold Water Valve:
34 - 110°F (1 - 43°C)
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
§For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands. Pentair trademarks and logos are owned by
Pentair plc or its affiliates. Third party registered and unregistered trademarks and logos are the property of their respective owners.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
§For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands. Pentair trademarks and
logos are owned by Pentair plc or its affiliates. Third party registered and unregistered trademarks and logos are the property of their
respective owners.
PENTAIR RESIDENTIAL FILTRATION, LLC
5730 N. GLEN PARK RD., MILWAUKEE, WI 53209
262.238.4400, waterpurification.pentair.com
CUSTOMER CARE: 800.279.9404
EMAIL: techsupport pentair.com
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2016 Pentair Residential Filtration, LLC. All rights reserved.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404
tech-support pentair.com
© 2016 Pentair Residential Filtration, LLC
All rights reserved.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2016 Pentair Residential Filtration, LLC. All rights reserved.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2016 Pentair Residential Filtration, LLC. All rights reserved.
§
For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands.
Pentair trademarks and logos are owned by Pentair plc or its affiliates. Third party registered and unregistered
trademarks and logos are the property of their respective owners.
42960 REV D AU16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com