Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAR Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # CAR
Description  Motorcycle Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

CAR Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  CAR Datasheet HTML 1Page - Sanyou Corporation Limited CAR Datasheet HTML 2Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
CAR
CAR - 1 12
D
M - XX
Ordering Information
Nomenclature
Outline Dimensions, Wiring Diagram, P.C.
(unit:mm)
Board Layout
Wiring Diagram (bottom view)
Unless otherwise specified:
If dimension <1mm, tolerance: ±0.2mm;
If dimension 1~5mm, tolerance: ±0.3mm;
If dimension >5mm, tolerance: ±0.4mm.
Note: 1. Extended terminal dimension is
2. Tolerance of P.C.B. layout:±0.1mm.
Typical Applications
● Motorcycle, engine scooter
Contact Form:M-Form A
Coil Power:D-1.80W
Coil Voltage (VDC):05, 06, 09, 12, 18, 24, 48
Number of Poles:1-1 Pole
Type Designation:CAR
Special Parameter:Nil-Standard type,
Letter or number-Special requirement
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the
user should in a right position to choose the suitable product for their own application.If there is any query,
please contact Sanyou for the technical service.However it is the user's responsibility to determine which
product should be used only.
Dongguan Sanyou Electrical appliance Co.,LTD,All rights of Sanyou to reserved
Ф1.6
3-Ф2.3
19.3
24
3.5
15
2-Ф1.3
(bottom view)
P.C.B. Layout (bottom view)
dimension before soldering.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com