Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANB1303-331M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # ANB1303-331M
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

ANB1303-331M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  ANB1303-331M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. ANB1303-331M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. ANB1303-331M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.0702
ANB1303 TYPE
●FEATURE
1. High current capacity and Low DCR
2. High heat resistance, ideal for reflow soldering
3. High reliability
●Applications
1. DC-DC converter
2. Set top box and Notebook and Server,etc
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
C
D
E
F
G
I
H
ANB1303
13.0MAX
9.5MAX
3.00MAX
2.54
2.54
7.62
13.00
7.62
3.00
Note1. Measurement frequency of Inductance value : at 100KHz, 0.1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 10%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient
Note5. Inductance tolerance: M: ±20%
Note6. Ordering Code: TYPE NAME: ANB1303
Main Inductance: 100 (10uH)
Tolerance : M (±20%)
Note7.Packaging: Taping ; Quantity: 1000 Pieces/reel
G
I
點
6020H
EP OX Y
Whi te
Ma r kin g
100
epoxy


Similar Part No. - ANB1303-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305-100M FENGJUI-ANB1305-100M Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305-101M FENGJUI-ANB1305-101M Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305-102M FENGJUI-ANB1305-102M Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305-150M FENGJUI-ANB1305-150M Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - ANB1303-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1807 FENGJUI-ANB1807 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com