Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPE3.3V Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPE3.3V
Description  1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE3.3V Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPE3.3V Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE3.3V Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE3.3V Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPE 3.3V, 5V & 12V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales2@gztoppower.com
page 2 of 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= - 40°C to 85°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.0
1.2
%/%
Load Regulation
(10%load to rated load)
3.3V output
14
15
%
Load Regulation
(10%load to rated load)
5V output
14
15
%
Load Regulation
(10%load to rated load)
9V output
9
10
%
Load Regulation
(10%load to rated load)
12V output
7.5
9.5
%
Load Regulation
(10%load to rated load)
15V output
7.0
8.5
%
Load Regulation
(10%load to rated load)
24V output
5.5
7.5
%
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
3.3V input
95
kHz
Switching frequency
5V input
110
kHz
Switching frequency
12V input
145
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-55
150
℃
Case Temperature above ambient
5V output
41
℃
Case Temperature above ambient
All other output
32
℃
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. Both types in this series are backward
compatible with Sn/Pb soldering systems.
Typical Load
Line
10
25
50
75
100
-7.5%
+ 2.5%
-2.5%
NOM
V
+ 5%
+ 10%
Output Load Current(% )
1.5
1.0
0.5
0
-40
0
50
100
150
Ambient Tem perature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com