Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARC Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SARC
Description  Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARC Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SARC Datasheet HTML 1Page - Sanyou Corporation Limited SARC Datasheet HTML 2Page - Sanyou Corporation Limited SARC Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SARC
SARC -S - 1 12
D
M R - XX
Ordering Information
Nomenclature
Outline Dimensions, Wiring Diagram (unit:mm)
Unless otherwise specified:
If dimension <1mm, tolerance: ±0.2mm;
If dimension 1~5mm, tolerance: ±0.3mm;
If dimension >5mm, tolerance: ±0.4mm.
Note: 1. Extended terminal dimension is dimension before soldering.
2. Tolerance of m
h
s:±0.1mm.
ounting ole
Accessory Form:Nil-Without accessory,
D-With
R-With resistor
,
DC-With diodes(see wiring diagram)
diode,
Contact Form:Nil-Form C, M-Form A
Coil Power:D-1.2W/1.4W
Coil Voltage (VDC):12
Number of Poles:1-1 Pole
Protective Construction:Nil-Dust cover
SH-Sealed type washable
Type Designation:SARC
Special Parameter:Nil-Standard type,
Letter or number-Special requirement
S-Flux proofed
Parallel
(Ω)
Equivalent
(Ω)
Pick-up
(VDC)
Drop-out
(Min.)
Nominal
(W)
Max.
Allowable
120
---
680
---
105.4
≤7.2
≥1.2
15.6
1.2
1.4
(at 20℃)
Nominal
(VDC)
Coil Data
12
12
100
120
100
≤7.2
≥1.2
15.6
voltage
Nominal
operating
current
±10% (mA)
Coil
resistance resistance resistance voltage
voltage
voltage
(VDC)
operating
power
22.5
16.2
15
3.15
2-2.8±0.1
2-
0.8±0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com