Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB-Plus10 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # CFB-Plus10
Description  SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

CFB-Plus10 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  CFB-Plus10 Datasheet HTML 1Page - Pentair plc. All rights reserved. CFB-Plus10 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
‡
For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com.
Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. Third party registered and unregistered
trademarks and logos are the property of their respective owners.
310114 REV D MY15
SPECIFICATIONS AND PERFORMANCE
MODEL #
PART #
MAXIMUM
DIMENSIONS
RATING
(NOMINAL)*
INITIAL ∆P (PSI)
@ FLOW RATE (GPM)*
CHLORINE TASTE & ODOR
REDUCTION @ FLOW RATE (GPM)*
CFB-Plus10
255674-43
2.88" x 9.75"
(73mm x 248mm)
5-10 micron
1.6 psi @ 1 gpm
(0.11 bar @ 3.8 Lpm)
>10,000 gallons @ 1 gpm
(>37,800 L @ 3.8 Lpm)
CFB-Plus20
255675-43
2.88" x 20"
(73mm x 508mm)
5-10 micron
1.6 psi @ 2 gpm
(0.11 bar @ 7.6 Lpm)
>20,000 gallons @ 2 gpm
(>75,700 L @ 7.6 Lpm)
CFB-Plus30
255676-43
2.88" x 30"
(73mm x 762mm)
5-10 micron
1.6 psi @ 3 gpm
(0.11 bar @ 11.4 Lpm)
>30,000 gallons @ 3 gpm
(>113,500 L @ 11.4 Lpm)
CFB-Plus10BB
255677-43
4.63" x 9.75"
(118mm x 248mm)
5-10 micron
2.5 psi @ 2 gpm
(0.17 bar @ 7.6 Lpm)
>25,000 gallons @ 2 gpm
(>94,600 L @ 7.6 Lpm)
CFB-Plus20BB
255678-43
4.63" x 20"
(118mm x 508mm)
5-10 micron
2.5 psi @ 4 gpm
(0.17 bar @ 11.4 Lpm)
>50,000 gallons @ 4 gpm
(>189,000 L @ 15.1 Lpm)
*Based on manufacturer's internal testing.
NOTES: Performance capacity depends on system design, flow rate and certain other application conditions. Cartridges may contain a very small amount of carbon
fines (very fine black powder). After installation, follow the instructions for flushing the cartridge to remove the fines before using the water. You should flush the tap
at least 20 seconds prior to using water for drinking or cooking purposes. This is particularly important if the tap has not been used daily. Micron ratings based on
85% or greater removal of given particle size. Estimated capacity using 2 ppm free available chlorine at 0.5 ppm breakthrough.
WARNING: Do not use with water that is microbiologically unsafe or of unknown quality without adequate disinfection before or after the system.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
All Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. All other registered and unregistered trademarks and logos are the property of their
respective owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
* For a detailed list of where Pentair trademarks are registered, please visit www.pentairaqua.com. Pentair trademarks and logos are owned
by Pentair, Inc. or its affiliates. Third party registered and unregistered trademarks and logos are the property of their respective owners.
Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
PENTAIR RESIDENTIAL FILTRATION, LLC
5730 N. GLEN PARK RD., MILWAUKEE, WI 53209
262.238.4400, waterpurification.pentair.com
CUSTOMER CARE: 800.279.9404
EMAIL: techsupport pentair.com
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2015 Pentair Residential Filtration, LLC. All rights reserved.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404
tech-support pentair.com
© 2015 Pentair Residential Filtration, LLC
All rights reserved.
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2015 Pentair Residential Filtration, LLC. All rights reserved.
PENTAIR WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2015 Pentair Residential Filtration, LLC. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com