Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL3 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # QL3
Description  FILTER HEAD EXCLUSIVELY FOR EVERPURE REPLACEMENT CARTRIDGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

QL3 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  QL3 Datasheet HTML 1Page - Pentair plc. All rights reserved. QL3 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. All other registered and unregistered trademarks and logos are the property of their
respective owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
© 2014 Pentair Filtration Solutions, LLC. All Rights Reserved.
FILTRATION & PROCESSING SOLUTIONS
EVERPURE-SHURFLO WORLD HEADQUARTERS, 1040 MUIRFIELD DRIVE, HANOVER PARK, IL 60133 USA • WWW.EVERPURE.COM
800.942.1153 MAIN (US ONLY) • 630.307.3000 MAIN • 630.307.3030 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO AUSTRALIA, 1-21 MONASH DRIVE, DANDENONG SOUTH, VIC 3175, AUSTRALIA
011.1300.576.190 TEL • 011.61.39.562.7237 FAX • AU.EVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO CHINA, 21F CLOUD 9 PLAZA, NO 1118, SHANGHAI, 200052, CHINA
86.21.3211.4588 TEL • 86.21.3211.4580 FAX • CHINA.WATER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO INDIA, GREEN BOULEVARD, B-9/A, 7TH FLOOR - TOWER B SECTOR 62, NOIDA - 201301
91.120.419.9444 TEL • 91.120.419.9400 FAX • INDIACUSTOMER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO EUROPE, PENTAIR WATER BELGIUM BVBA, INDUSTRIEPARK WOLFSTEE, TOEKOMSTLAAN, 30 B-2200 HERENTALS, BELGIUM
+32.(0).14.283.500 TEL • +32.(0).14.283.505 FAX • SALES@EVERPURE-EUROPE.COM EMAIL
EVERPURE-SHURFLO JAPAN INC., HASHIMOTO MN BLDG. 7F, 3-25-1 HASHIMOTO, MIDORI-KU, SAGAMIHARA-SHI KANAGAWA 252-0143, JAPAN
81.(0)42.775.3011 TEL • 81.(0)42.775.3015 FAX • INFO@EVERPURE.CO.JP EMAIL
EVERPURE-SHURFLO SOUTHEAST ASIA, SOUTHEAST ASIA, 390 HAVELOCK ROAD, #04-01, KING’S CENTRE, SINGAPORE 169662
65.6768.5800 TEL • 65.6737.5149 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EV9259-14 SE14
Overall Dimensions
3.63" H x 3.75" W x 5" D
(9.2 x 9.5 x 2.7 cm)
Rated Capacity
Varies according to filter cartridge used
Electrical Connection
None
The contaminants or other substances removed or reduced by this drinking
water system are not necessarily in your water. Do not use with water that is
microbiologically unsafe or of unknown quality without adequate disinfection before
or after the system. Systems certified for cyst reduction may be used with disinfected
water that may contain filterable cysts.
SPECIFICATIONS
WARRANTY
Everpure water treatment systems by Pentair® (excluding replaceable elements) are
covered by a limited warranty against defects in material and workmanship for a period
of five years after date of purchase. Everpure replaceable elements (filter cartridges
and water treatment cartridges) are covered by a limited warranty against defects in
material and workmanship for a period of one year after date of purchase. See printed
warranty for details. Pentair will provide a copy of the warranty upon request.
EVERPURE®
QL3 SINGLE HEAD
EV9259-14
3.75"
3.63"
Outlet 1/4" FNPT
Inlet 1/4" FNPT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com