Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-VC4PB Datasheet(PDF) 2 Page - Harris Corporation

Part # XR-VC4PB
Description  The VC4000 Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

XR-VC4PB Datasheet(HTML) 2 Page - Harris Corporation

  XR-VC4PB Datasheet HTML 1Page - Harris Corporation XR-VC4PB Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Public Safety and Professional Communications
| www.pspc.harris.com
221 Jefferson Ridge Parkway
| Lynchburg, VA USA 24501 | 1-800-368-3277 (+1-434-455-6403)
Harris and assuredcommunications are registered trademarks of Harris Corporation.
Copyright
 2015 Harris Corporation. All rights reserved.
Printed in U.S.A. 04/15 ECR-7672D
Technical specifications are subject to change without notice. Product sales are subject to applicable U.S. export control laws.
General Specifications
Applications:
Charges the following high or extra high capacity
batteries:
XG-75/XG-25P – NiMH, Li-Ion, Li-Polymer
XG-15P – Li-Ion
P7300/P5500/P5400/P5300 – NiCd, NiMH, Li-Ion,
Li-Polymer
P7200/P7100
IP/P5200/P5100 – NiCd, NiMH, Li-Ion
Source Voltage:
11 to 16 VDC
Dimensions (D x W x H):
With Bracket:
3.125 x 5.125 x 5.437 in.
(7.94 x 13.02 x 13.81 cm)
Without Bracket:
3.125 x 4.312 x 4.375 in.
(7.94 x 10.95 x 11.11 cm)
Weight:
With Bracket:
13.0 oz (368g)
Without Bracket:
10.2 oz (289g)
Construction:
Polycarbonate and ABS blend
Color:
Black
Charge Currents:
1.5 or 0.75A (switch selectable)
Trickle Rate:
200 or 100mA (switch selectable)
Mounting:
Cables, hardware, U-shaped bracket for mounting
above or beneath dash, fuse, connector terminals for
repeater control, and ignition sense
Temperature Limits:
Operating: -22 to +140
F (-30 to +60C)
Charging: +40 to +113
F (+5 to +45C)
Options:
Power Supply Kit: Includes AC Adapter and
Cigarette Lighter Adapter
RoHS compliant
VC4000 Option Numbers
XG-75
MAH2-VC4PB
P7300
MAH2-VC4PB
P5500
MAH2-VC4PB
P5400
MAH2-VC4PB
P5300
MAH2-VC4PB
XG-25P
DP-CH4U
XG-15P
XR-VC4PB
Environmental Specifications
Standard
Parameter
Methods & Procedures
MIL-STD-810F
Vibration
514.5 I CAT 10
Shock
516.5 PI
Solar Radiation
505.4 PII
Low Temperature
502.4 PI & II
High Temperature
501.4 PI & II
Temperature Shock
503.4
Humidity
507.4 PI & II
Low Pressure
500.4 PI & II
Regulatory Specifications
Meets FCC Part 15
Industry Canada ICES-003
Automotive Directive 72/245/EEC – 95/54/EC:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com