Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S50HT Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # S50HT
Description  HIGH-CAPACITY SUBMERSIBLE SUMP PUMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

S50HT Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  S50HT Datasheet HTML 1Page - Pentair plc. All rights reserved. S50HT Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH-CAPACITY SUBMERSIBLE SUMP PUMPS
MYERS® S50HT SERIES
APPLICATIONS
The Myers S50HT series
high-flow pump is designed for
dependability in demanding
environments. All cast iron
construction and special features
to protect the motor make this
a pump for the long haul. The
S50HT in a boiler blow-down
application can withstand liquid
temperatures up to 200°F. The
non-clogging, semi-open impeller
ensures unimpeded flow for
high-capacity sump operation.
Capacities – 100 GPM (378 LPM)
Shut-off Head – 50’ (15.2 m)
Max. Spherical Solids – 3/4” (19 mm)
Liquids Handling – Domestic effluent and
drain water
Max. Liquid Temperature – 200°F (93°C)
Motor/Electrical Data – 1/2 HP, 3450
RPM, PSC with thermal overload, 115V,
12 FLA, 1Ø, 60Hz
Acceptable pH Range – 5-9
Specific Gravity – .9-1.1
Viscosity – 28-35 SSU
Discharge, NPT – 2” (50 mm)
Housing – Cast iron
Minimum Sump Diameter –
Simplex: 24” (61 cm)
Duplex: 36” (91.4 cm)
Power Cord – 20’, 16/4, SOOW, SOOW-A
Shaft Seal – Durable silicon carbide
Float Switch On/Off –
On – 17.8” (452)
Off – 8.8” (224)
SPECIFICATIONS
Tough Against Corrosion
Cast iron housing, volute case and
impeller resist the most extreme
environments
Stainless Steel Protection
Stainless steel motor shaft, impeller
lock nut and external hardware
Built-in Overload Protection
Heat sensor overload protection with
automatic reset when motor cools to a
safe operating temperature
Smooth Running
Semi-open impeller is designed to
resist clogging
Cool-running
Oil-filled motor provides continuous
bearing lubrication and maximizes
heat dissipation
Extended Service
Fully lubricated ball bearings and
shaft seal for longer service life
High-flow Discharge
2” (50 mm) NPT discharge
Height Adjustable
Legs are drilled and tapped with 1/2”
NPT threads to allow pump height
adjustment
FEATURES
ORDERING INFORMATION
Approx.
Catalog
Phase/
Discharge Switch
Cord
Wt.
Number
HP Volts Cycles Amps
Size
Type
Length Lbs.
S50HTPC1
1/2
115
1/60
12
2"
Tethered
20’
64
Automatic*
PW217-280 S50HT control box
High-capacity sump, effluent, boiler
blow-down
*Control box is required for operation. Not included with pump - order seperately.
PW217-280 Control
Panel Required
(sold separately)


Similar Part No. - S50HT

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
S50HT PENTAIR-S50HT Datasheet
1Mb / 16P
Submersible High Temperature Effluent Pumps
S50HTPC1 PENTAIR-S50HTPC1 Datasheet
1Mb / 16P
Submersible High Temperature Effluent Pumps
More results

Similar Description - S50HT

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T6SHSLD121EEA SENSORTECHNICS-T6SHSLD121EEA Datasheet
112Kb / 4P
High flow, compact diaphragm pumps
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
Charge-Pumps and High-Current OP
logo
Glenair, Inc.
802-008 GLENAIR-802-008 Datasheet
164Kb / 1P
Submersible Plug
802-008-06 GLENAIR-802-008-06 Datasheet
168Kb / 1P
Submersible Plug
802-010 GLENAIR-802-010 Datasheet
205Kb / 1P
Submersible Receptacle
802-010-07 GLENAIR-802-010-07 Datasheet
178Kb / 1P
Aqua Mouse Submersible
802-013 GLENAIR-802-013 Datasheet
196Kb / 1P
AquaMouse Submersible
logo
Pentair plc. All rights...
ME40AG PENTAIR-ME40AG Datasheet
204Kb / 2P
SUBMERSIBLE AGRICULTURAL PUMPS
S40HT PENTAIR-S40HT Datasheet
1Mb / 16P
Submersible High Temperature Effluent Pumps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com