Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7200 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7200
Description  Step-down High Brightness LED controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7200 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7200 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7200
Step-down High Brightness LED controller
sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copy right © 2017 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7200 is a continuous mode inductive
step-down converter, designed for driving single
or multiple series connected LEDs efficiently
from a voltage source higher than the total LED
chain voltage. The device operates with a wide
input supply voltage up to 55V and provides an
externally adjustable output current.
MT7200 is used to drive external power
MOSFET. It sets the average output current by
the high-side output current sense circuit
.
The ADJ pin accepts either a DC voltage or a
PWM dimming signal to adjust the output LED
current. The PWM dimming frequency can be as
high as 20kHz. The soft-start time is set by
putting an external capacitor from the ADJ pin to
ground. Applying a 0.2V or lower voltage to the
ADJ pin turns the output off and switches the
device into a low current standby state.
MT7200 provides various protection features to
improve the system reliability, including over
temperature regulation (OTR), and over
temperature shutdown (OTP), LED short/open
protection, etc.
APPLICATION CIRCUIT
FEATURES
Few external components.
Single pin for ON/OFF and DC voltage or
PWM brightness control
Built-in VIN line compensation
Proprietary frequency Jitter technique to
reduce EMI
High efficiency (up to 97%)
Wide input voltage range
Adjustable constant output current
Up to 1MHz switching frequency
Over temperature regulation (OTR)
Inherent open/short-circu
it LED protection
High accuracy output current (±3%)
Available in SOT23-6 packages
APPLICATION
Low voltage halogen replacement LEDs
Automotive lighting
Low voltage industrial lighting
LED back-up lighting
Illuminated signs
Stage lights
LCD TV backlighting


Similar Part No. - MT7200

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
logo
Marktech Corporate
MT7203-UR MARKTECH-MT7203-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7203-UR-A MARKTECH-MT7203-UR-A Datasheet
135Kb / 6P
3.0mm ROUND LED LAMP
logo
Aeroflex Circuit Techno...
MT72038 AEROFLEX-MT72038 Datasheet
112Kb / 4P
FOUR CHANNEL ARINC 429 LINE RECEIVER
More results

Similar Description - MT7200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD4120 INFINEON-ILD4120 Datasheet
668Kb / 11P
1200mA step down - LED controller IC
Rev. 1.0, July 2009
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091_13 Datasheet
3Mb / 17P
Universal Step-Down PWM Control For High Brightness LED Lighting Control
logo
Taiwan Semiconductor Co...
TS19376 TSC-TS19376 Datasheet
152Kb / 8P
1A Step-down High Brightness LED Driver
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
60V High Current Step-Down LED Driver Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
1.2A 36V Step Down High Brightness LED Driver
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
400V Step-down high brightness LED driver
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
1A, Step-down High Brightness LED Driver
HM4151 HMSEMI-HM4151 Datasheet
1Mb / 9P
55V step-down, high brightness LED constant current driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com