Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7223 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7223
Description  Step-down constant current LED driver with internal MOS switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7223 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7223 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7223
Step-down constant current LED driver
Maximizing IC Performance
with internal MOS switch
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copyright © 2017 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7223 is a high efficiency and high precision
step-down constant current LED driver with an
integrated 90V MOS switch.
MT7223 uses fixed-off-time peak current control
scheme, the off-time can be adjusted by
changing the external capacitor, and the
operation frequency also can be adjusted
according to the need of customer.
MT7223 regulates the current flowing through
LEDs to set the luminance of LEDs by changing
the external current sense resistor, on the other
hand, the luminance of LEDs also can be
regulated by a PWM signal applied to DIM pin.
DIM pin can also achieve linear dimming.
MT7223 integrates VDD Zener Diode and over
temperature protection, etc. to reduce the
peripheral components and improve the system
reliability
.
Typical Application Circuit
FEATURES
Wide input voltage range: 3.1V~90V
Internal 90V MOS switch
Supports PWM dimming and linear dimming
Built-in VIN line compensation
High efficiency (up to 93%)
Up to 1MHz switching frequency
CS voltage: 250mV
UVLO voltage: 2.6V
Intelligent over temperature protection
OFF-time programmable
Internal VDD Zener Diode
Available in ESOP8 packages, the bottom
plane is connected to SW pin
APPLICATION
Bicycle, electric bicycle, motorcycle light
Strong light flashlight
Spotlighting
High power LED lighting
LED back-up lighting
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - MT7223

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7200 MAXIC-MT7200 Datasheet
59Kb / 1P
Step-down High Brightness LED controller
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
logo
Marktech Corporate
MT7203-UR MARKTECH-MT7203-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7203-UR-A MARKTECH-MT7203-UR-A Datasheet
135Kb / 6P
3.0mm ROUND LED LAMP
More results

Similar Description - MT7223

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7212 MAXIC-MT7212 Datasheet
144Kb / 1P
Step-down constant current LED driver with internal MOS switch
logo
Shenzhen Huazhimei Semi...
HM9913 HMSEMI-HM9913 Datasheet
743Kb / 6P
100V Step-Down LED Constant Current Driver
HM6105 HMSEMI-HM6105 Datasheet
508Kb / 7P
Three-function switch step-down LED constant current driver
HM6105A HMSEMI-HM6105A Datasheet
581Kb / 7P
Three-function switch step-down LED constant current driver
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
220KHz 36V 4A switch current step-down LED constant current driver
HM9930 HMSEMI-HM9930 Datasheet
473Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9922 HMSEMI-HM9922 Datasheet
494Kb / 7P
Switching step-down LED constant current driver
HM9920 HMSEMI-HM9920 Datasheet
456Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9915 HMSEMI-HM9915 Datasheet
474Kb / 7P
Built-in MOS switch step-down LED constant current driver
HM9911 HMSEMI-HM9911 Datasheet
281Kb / 8P
Switching step-down LED constant current driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com