Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7261 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7261
Description  Boost White LED Driver With High Frequency PWM Dimming
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7261 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7261 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7261
Boost White LED Driver
Maximizing IC Performance
With High Frequency PWM Dimming
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.50
Tel: 86-10-62662828
Copyright © 2014 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT7261 is a Boost constant current white
LED driver designed for wide input voltage
range from 2.5V to 40V system rail, drives up
to 7X1W power with AC12V/DC12V input
voltage. Current mode and fixed frequency
operation provides fast transient response and
eases loop stabilization. With a current sense
amplifier threshold of 205mV, the LED current
is programmable with one external current
sense resistor and the power loss is minimized.
The 460kHz operating frequency minimizes
external inductor, input and output capacitor.
The MT7261 supports both PWM and analog
dimming
by
a
single
control
pin.
Fault
condition protection includes over voltage
protection (OVP), cycle-by-cycle peak current
limiting and thermal shutdown.
The MT7261 is available in SOP8 packages.
FEATURES
2.5V to 40V input/output voltage range
High efficiency up to 95%
Cycle by Cycle Over Current Protection
Internal 0.2ohm power MOSFET
LED temperature protection
Stable with Low ESR Ceramic Capacitor
OTP and OVP protection
External setting over voltage protection
Fixed switching frequency: 460kHz
Frequency Jitter to lower EMI
Low feedback voltage: 205mV
Adjustable soft-start
Support one pin analog dimming and up to
50kHz PWM dimming
Available in SOP8 package
APPLICATION
Automotive and Marine Lighting
High Power LED Driver
Torch Driver
Low Voltage LED Lighting
(Landscape, Desk, Room, MR16 lighting)
LED backlighting
TYPICAL APPLICATION (STEP-UP/BOOST APPLICATION)
R1
GND
VDD
SW
DIM
COMP
OVP
CS
MT7261
VIN
10uH
VBAT
B340A
C1
10u/25V
5
Cdd
1u
6
2
4
1
7
8
3
Ccomp
22n
RISNS
1//1.3
RB1
RB2
10K
200K
C2
1u/35V


Similar Part No. - MT7261

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7200 MAXIC-MT7200 Datasheet
59Kb / 1P
Step-down High Brightness LED controller
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
logo
Marktech Corporate
MT7203-UR MARKTECH-MT7203-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7203-UR-A MARKTECH-MT7203-UR-A Datasheet
135Kb / 6P
3.0mm ROUND LED LAMP
More results

Similar Description - MT7261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
White LED Driver with Wide PWM Dimming Range
April 10, 2007
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
Series Boost LED Driver with PWM Dimming Interface
logo
Texas Instruments
LM3519 TI1-LM3519 Datasheet
3Mb / 20P
High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
White LED Driver with Wide PWM Dimming Range
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com