Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7302 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7302
Description  Color Temperature Switch Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7302 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7302 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7302
Maximizing IC Performance
Color Temperature Switch Controller
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copyright © 2018 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT7302 is a color temperature switch
controller. It works with isolated or non-isolated
constant current LED driver to realize color
temperature switching function.
The system can achieve cool and warm color
switching by detecting the power switch
switching action.
The MT7302 uses the MAXIC proprietary
technology, which not only simplifies peripheral
components, but also ensures the logical
consistency of multiple LED power supplies
switching simultaneously.
The MT7302 can be used in Flyback, Buck or
Buck-Boost topology to make LED power supply
design more convenient.
FEATURES
Built-in 400V thyristor
Accurate switching time when multiple LED
power drivers are connected in parallel
Compatible with isolated and non-isolated
applications
Cyclic cool and warm two colors switching
controlled by power switch
Available in SOP8 packages
APPLICATIONS
Color temperature switch LED power supply
Typical Application Circuit


Similar Part No. - MT7302

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7302A-UR MARKTECH-MT7302A-UR Datasheet
41Kb / 1P
Marktech Axial Leaded Lensed Version LEDs
MT7302A-UR MARKTECH-MT7302A-UR Datasheet
200Kb / 1P
Axial Leaded LED Lamps
More results

Similar Description - MT7302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YGV610B ETC1-YGV610B Datasheet
417Kb / 7P
COLOR PANEL DISPLAY CONTROLLER
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
Temperature Controller
logo
Maxic Technology Corpor...
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
logo
Bright Power Semiconduc...
BP5912A BPS-BP5912A Datasheet
226Kb / 2P
Color Temperature Switch LED Driver
BP5912B BPS-BP5912B Datasheet
226Kb / 2P
Color Temperature Switch LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC2609 FUMAN-TC2609 Datasheet
166Kb / 4P
Dual power switch color temperature control chip
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
logo
Epson Company
S1D13524 EPSON-S1D13524 Datasheet
158Kb / 2P
Color EPD Controller
April 9 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com