Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7604 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7604
Description  Linear Constant - Current LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7604 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7604 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7604
Maximizing IC Performance
Linear Constant – Current LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.00
Tel: 86-10-62662828
Copyright © 2015 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7604 is a high voltage linear constant-current
LED driver
. It’s designed to drive LED string
directly from 110VAC/220VAC mains.
MT7604 integrates 500V power MOSFET so that
the peripheral circuit is simplified. It can easily
pass EMI without inductor, transformer or other
magnetic
components,
low
BOM
cost
is
achieved.
The whole driver system can be integrated into
the LED lighting module, as an integrated lighting
engine, which can be driven by AC line directly.
MT7604 can drive precision constant output
current
by option of an external resistor. The
LED current setting range is 5mA~60mA. More
than one MT7604 can be used in parallel when
the LED current exceeds 60mA.
FEATURES
High accurate constant current
Internal 500V power MOSFET
High integration, few external components
Supports linear voltage compensation
No E-caps and magnetic components
Extended IC lifetime
High power factor application
Low EMI interference
Available in SOP8 package
APPLICATION
Alternative RC step-down LED lamp
LED fluorescent, candle lamp
LED bulb, decorative lamp
Other compact LED lightings
Typical Application Circuit
R1
Rcs
NC
VLINE
VDD
CS
DRAIN
DRAIN
NC
GND
6
5
8
7
1
2
3
4
MT7604
R2
C1
VLED+
VLED-
BD1
Vac_in


Similar Part No. - MT7604

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7603 MAXIC-MT7603 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603E MAXIC-MT7603E Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603 MAXIC-MT7603_V01 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7605 MAXIC-MT7605 Datasheet
128Kb / 1P
Segmented, Linear Constant - Current LED Driver
More results

Similar Description - MT7604

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
Linear, Fixed Constant Current LED Driver
CL520 SUTEX-CL520 Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7164 HMSEMI-HM7164 Datasheet
515Kb / 6P
Segmented linear constant current LED driver
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
Linear buck LED constant current driver
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com