Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C671F Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C671F
Description  Clock Generator for Pentium Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C671F Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C671F Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C671F Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
393
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
PS8137A
03/15/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C671F
Clock Generator for Pentium Modules
e
m
a
N
l
a
n
g
i
Se
p
y
Ty
t
Qn
i
Pn
o
i
t
p
i
r
c
s
e
D
n
i
XI
1
4
.
l
a
n
g
i
s
e
c
n
e
r
e
f
e
r
d
e
t
a
r
e
n
e
g
y
l
l
a
n
r
e
t
x
e
r
o
f
t
u
p
n
i
r
o
t
u
p
n
i
r
o
t
a
l
l
i
c
s
o
l
a
t
s
y
r
C
t
u
o
XO
1
5
.
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
l
l
a
r
a
p
l
a
n
r
e
t
x
e
o
t
t
c
e
n
n
o
C
.
t
u
p
t
u
o
r
o
t
a
l
l
i
c
s
o
l
a
t
s
y
r
C
#
0
6
/
6
6
L
E
SI
1
8
1
.
z
H
M
0
6
r
o
z
H
M
6
6
g
n
i
l
b
a
n
e
r
o
f
n
i
p
t
c
e
l
e
S
.
r
o
t
s
i
s
e
r
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
.
z
H
M
0
6
=
L
,
z
H
M
6
6
=
H
)
3
-
0
(
K
L
C
U
P
CO
4
8
3
,
9
3
,
1
4
,
2
4y
b
d
e
r
e
w
o
P
.
s
t
u
p
t
u
o
k
c
o
l
c
t
s
o
H
&
U
P
CV
2
Q
D
D
b
n
a
c
,e
.
V
3
.
3
r
o
V
5
.
2
M
A
R
D
SO
6
6
3
,
5
3
,
3
3
,
2
3
,
0
3
,
9
2V
y
b
d
e
r
e
w
o
P
.
z
H
M
6
6
/
0
6
s
k
c
o
l
c
M
A
R
D
S
3
Q
D
D
.
)
V
3
.
3
(
#
P
O
T
S
_
U
P
C
/
6
M
A
R
D
Sr
i
d
-
i
b1
7
2.
#
P
O
T
S
_
U
P
C
:
0
=
E
D
O
M
,
6
M
A
R
D
S
:
1
=
E
D
O
M
#
P
O
T
S
_
I
C
P
/
7
M
A
R
D
Sr
i
d
-
i
b1
6
2.
#
P
O
T
S
_
I
C
P
:
0
=
E
D
O
M
,
7
M
A
R
D
S
:
1
=
E
D
O
M
E
D
O
MI
1
6
.
7
2
&
6
2
s
n
i
p
t
a
s
e
r
u
t
a
e
f
t
n
e
m
e
g
a
n
a
m
r
e
w
o
p
g
n
i
l
b
a
n
e
r
o
f
n
i
p
t
c
e
l
e
S
e
d
o
M
.
r
o
t
s
i
s
e
r
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
)
5
-
0
(
K
L
C
I
C
PO
6
6
1
,
4
1
,
3
1
,
2
1
,
1
1
,
9V
y
b
d
e
r
e
w
o
P
.
e
l
b
i
t
a
p
m
o
c
L
T
T
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
w
e
k
s
w
o
L
3
Q
D
D
.
)
V
3
.
3
(
F
_
K
L
C
I
C
PO
1
8
.
e
d
o
m
n
w
o
d
t
u
h
s
n
i
n
e
h
w
s
p
o
t
S
.
k
c
o
l
c
I
C
P
s
u
o
n
o
r
h
c
n
y
s
g
n
i
n
n
u
r
e
e
r
F
2
F
E
R
,
1
F
E
R
,
0
F
E
RO
3
7
4
,
1
,
2.
s
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
e
r
e
f
f
u
b
z
H
M
8
1
3
.
4
1
0
C
I
P
A
O
IO
1
5
4V
y
b
d
e
r
e
w
o
P
.
s
t
u
p
t
u
o
k
c
o
l
c
0
C
I
P
A
O
I
1
Q
D
D
V
3
.
3
r
o
V
5
.
2
e
b
n
a
c
,
#
N
W
D
_
R
W
PI
1
4
4.
W
O
L
e
v
i
t
c
a
,
#
N
W
D
_
R
W
P
z
H
M
4
2
/
8
4O
2
3
2
,
2
2V
y
b
d
e
r
e
w
o
P
.
t
u
p
t
u
o
k
c
o
l
c
z
H
M
4
2
/
8
4
e
l
b
a
t
c
e
l
e
S
3
Q
D
D
.
)
V
3
.
3
(
A
T
A
D
SI
1
9
1I
r
o
f
t
u
p
n
i
a
t
a
d
l
a
i
r
e
S
2
.
l
o
r
t
n
o
c
C
K
L
C
D
SI
1
0
2I
r
o
f
t
u
p
n
i
k
c
o
l
C
2
.
l
o
r
t
n
o
c
C
V S
S
d
n
u
o
r
G7
3
4
,
7
3
,
1
3
,
4
2
,
7
1
,
0
1
,
3.
e
c
i
v
e
d
e
h
t
r
o
f
s
n
i
p
d
n
u
o
r
G
V D
D
r
e
w
o
P2
8
4
,
5
2.
c
i
g
o
l
e
r
o
c
d
n
a
s
t
i
u
c
r
i
c
g
o
l
a
n
a
r
o
f
y
l
p
p
u
s
r
e
w
o
P
V
3
Q
D
D
r
e
w
o
P5
4
3
,
8
2
,
1
2
,
5
1
,
7.
y
l
p
p
u
s
r
e
w
o
p
O
/
I
V
3
.
3
V
2
Q
D
D
r
e
w
o
P1
0
4.
V
3
.
3
r
o
V
5
.
2
r
e
h
t
i
e
e
b
n
a
C
.
y
l
p
p
u
s
r
e
w
o
p
K
L
C
U
P
C
V
1
Q
D
r
e
w
o
P1
6
4.
V
3
.
3
r
o
V
5
.
2
r
e
h
t
i
e
e
b
n
a
C
.
y
l
p
p
u
s
r
e
w
o
p
C
I
P
A
O
I
Pin Descriptions
n
i
Pe
p
y
T
r
e
v
i
r
Dl
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
2D
0
F
E
R.
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
1
3
.
4
1
7
4
,
1C
2
F
E
R
,
1
F
E
R.
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
1
3
.
4
1
8E
F
_
K
L
C
I
C
P.
d
e
p
p
o
t
s
K
L
C
I
C
P
g
n
i
r
u
d
k
c
o
l
c
g
n
i
n
n
u
r
e
e
r
F
,
2
1
,
1
1
,
9
6
1
,
4
1
.
3
1
EK
L
C
I
C
P.
V
3
.
3
e
l
b
i
t
a
p
m
o
c
L
T
T
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
3
2
,
2
2C
z
H
M
4
2
/
8
4.
e
l
b
a
t
c
e
l
e
s
V
3
.
3
t
u
p
t
u
o
k
c
o
l
c
z
H
M
4
2
/
8
4
,
0
3
,
9
2
,
7
2
,
6
2
6
3
,
5
3
,
3
3
,
2
3
DM
A
R
D
S.
z
H
M
6
6
/
0
6
s
k
c
o
l
c
M
A
R
D
S
2
4
,
1
4
,
9
3
,
8
3A
K
L
C
U
P
CV
3
.
3
r
o
V
5
.
2
:
s
t
u
p
t
u
o
k
c
o
l
c
t
s
o
h
d
n
a
U
P
C
5
4B
,
0
C
I
P
A
O
I
1
C
I
P
A
O
I
.
V
3
.
3
r
o
V
5
.
2
:
t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
I
Driver Types



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com