Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6794 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM6794
Description  DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6794 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM6794 Datasheet HTML 17Page - OKI electronic componets MSM6794 Datasheet HTML 18Page - OKI electronic componets MSM6794 Datasheet HTML 19Page - OKI electronic componets MSM6794 Datasheet HTML 20Page - OKI electronic componets MSM6794 Datasheet HTML 21Page - OKI electronic componets MSM6794 Datasheet HTML 22Page - OKI electronic componets MSM6794 Datasheet HTML 23Page - OKI electronic componets MSM6794 Datasheet HTML 24Page - OKI electronic componets MSM6794 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
¡ Semiconductor
21/34
MSM6794
Status of Pins and Registers After Reset Input
The following tables show pin and register status after reset input.
Pin Status during Standby Operation and Register Status after Cancellation
The following tables show pin status during standby operation and register status after
cancellation.
Pin
Status
OSC2
"L"
OSC3
"H"
CO
"L"
SO
High impedance
DF
"H" (master), high impedance (slave)
FLM
"L" (master), high impedance (slave)
LCDCK
"L" (master), high impedance (slave)
Register
Status
Address register
STBY = "0", other bits maintain data before standby
Display data register
Maintains data before standby
X address register
Reset to "0"
Y address register
Reset to "0"
Control register
Maintains data before standby
Pin
Status
OSC2, 3
Clock output or oscillation status
CO
Clock output
SO
High impedance
DF
"H" (master), high impedance (slave)
FLM
"L" (master), high impedance (slave)
LCDCK
"L" (master), high impedance (slave)
Register
Status
Address register
HZ = "1", other bits are reset to "0".
Display data register
Display data is held
X address register
Reset to "0"
Y address register
Reset to "0".
Control register
No change from status before inputting reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com