Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE552BA Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PE552BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE552BA Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE552BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE552BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE552BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE552BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV 1.0
3
F-43-3
N-Channel Enhancement Mode
Field Effect Transistor
PE552BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
Qg , Total Gate Charge(nC)
Source-Drain Diode Forward Voltage
VSD, Source-To-Drain Voltage(V)
On-Resistance VS Temperature
VDS, Drain-To-Source Voltage(V)
Output Characteristics
Transfer Characteristics
VGS, Gate-To-Source Voltage(V)
TJ , Junction Temperature(˚C)
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
Gate charge Characteristics
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=5A
CISS
COSS
CRSS
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
5
10
15
20
25
30
0
2
4
6
8
10
0
10203040
50
VDS=10V
ID=5A
0
6
12
18
24
30
0
0.5
1
1.5
2
25℃
150℃
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
0
6
12
18
24
30
00.511.5
2
VGS=10V
VGS=5V
VGS=4.5V
VGS=3.5V
VGS=2V
VGS=1.8V
VGS=1.2V
VGS=1.4V
VGS=1.5V
VGS=1.6V
25℃ 
125℃ 
‐20℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com