Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R5132E Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-R5132E
Description  STANDARD LED LAMPS(RECTANGULAR TYPES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R5132E Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-R5132E Datasheet HTML 1Page - Yellow Stone Corp BL-R5132E Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-R1132D
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5132D
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-R4532D
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-R2132D
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
7.0
BL-R3132D
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
BL-R4132D
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
7.0
2.6x5.0x
8.5mm
1.0" Lead
Rectangular
BL-R9132D
GaP/GaP/ Pure Green
555
Green Diffused
25
80
30
150 2.2 2.6
0.5
130
L-073
BL-R1132E
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.5
BL-R5132E
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.8
BL-R4532E
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-R2132E
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
7.0
BL-R3132E
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
BL-R4132E
GaAsP/GaP / Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
7.0
2.5x5.0x
8.7mm
1.0" Lead
Rectangular
BL-R9132E
GaP/GaP/ Pure Green
555
Green Diffused
25
80
30
150 2.2 2.6
0.5
130
L-074
BL-R1132F
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.8
BL-R5132F
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.2
BL-R4132F
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
5.0
BL-R2132F
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
5.0
BL-R3132F
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
4.5
BL-R8132F
GaAsP/GaP/ Amber
610
Orange Diffused
35
80
30
150 2.0 2.6
4.5
3.0x5.0x
10mm
1.0" Lead
Rectangular
BL-R9132F
GaP/GaP / Pure Green
555
Green Diffused
25
80
30
150 2.2 2.6
0.8
125
L-075
BL-R1132H
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.8
BL-R5132H
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.6
BL-R4532H
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
5.0
BL-R2132H
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
5.0
BL-R3132H
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
4.5
BL-R4132H
GaAsP/GaP / Orange
635
Orange Diffused
25
80
30
150 2.0 2.6
5.0
2.0x5.0x
7.8mm
1.0" Lead
Rectangular
BL-R9132H
GaP/GaP/ Pure Green
555
Green Diffused
30
80
30
150 2.2 2.6
0.8
125
L-076
BL-R1132J
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5132J
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-R4532J
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-R2132J
GaP/ GaP Green
568
Green Diffused
30
80
30
150 2.2 2.6
6.0
BL-R3132J
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
BL-R4132J
GaAsP/GaP / Orange
635
Orange Diffused
25
80
30
150 2.0 2.6
6.0
2.4x5.0x
8.4mm
1.0" Lead
Rectangular
BL-R9132J
GaP/GaP / Pure Green
555
Green Diffused
30
80
30
150 2.2 2.6
0.6
125
L-077
BL-R1132K
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5132K
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-R4532K
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-R2132K
GaP/ GaP Green
568
Green Diffused
30
80
30
150 2.2 2.6
7.0
BL-R3132K
GaAsP/ GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
BL-R4132K
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
7.0
2.1x6.9x
7.7mm
1.0" Lead
Rectangular
BL-R9132K
GaP/GaP / Pure Green
555
Green Diffused
25
80
30
150 2.2 2.6
0.6
125
L-078
BL-R1132L
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.4
BL-R5132L
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.6
BL-R4532L
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
4.0
BL-R2132L
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
4.0
BL-R3132L
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
3.0
2.4x4.8x
4.6mm
1.0" Lead
Rectangular
BL-R4132L
GaAsP/GaP/ Orange
635
Orange Diffused
25
80
30
150 2.0 2.6
0.6
125
L-079
BL-R1122N
GaAsP/GaAs/ Red
655
40
80
40
200 1.7 2.0
0.5
BL-R5122N
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.7
BL-R4522N
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
4.5
BL-R2122N
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
4.5
2.0x5.0x
7.0mm
0.5" Lead
Rectangular
BL-R3122N
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
3.5
140
L-080
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-R5132E

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R5132 YSTONE-BL-R5132 Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R5132 YSTONE-BL-R5132 Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5132A-T YSTONE-BL-R5132A-T Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5132B YSTONE-BL-R5132B Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R5132B YSTONE-BL-R5132B Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
More results

Similar Description - BL-R5132E

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
STANDARD LED LAMPS (CYLINDRICAL TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-R1141H YSTONE-BL-R1141H Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com