Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100LC Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMP100LC
Description  TRISILTM FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC Datasheet(HTML) 4 Page - STMicroelectronics

  SMP100LC Datasheet HTML 1Page - STMicroelectronics SMP100LC Datasheet HTML 2Page - STMicroelectronics SMP100LC Datasheet HTML 3Page - STMicroelectronics SMP100LC Datasheet HTML 4Page - STMicroelectronics SMP100LC Datasheet HTML 5Page - STMicroelectronics SMP100LC Datasheet HTML 6Page - STMicroelectronics SMP100LC Datasheet HTML 7Page - STMicroelectronics SMP100LC Datasheet HTML 8Page - STMicroelectronics SMP100LC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SMP100LC
4/10
Figure 2: Pulse waveform
Figure 3: Non repetitive surge peak on-state
current versus overload duration
Figure 4: On-state voltage versus on-state
current (typical values)
Figure 5: Relative variation of holding current
versus junction temperature
Figure 6: Relative variation of breakover
voltage versus junction temperature
Figure 7: Relative variation of leakage current
versus junction temperature (typical values)
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
I
(A)
TSM
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
10
20
30
40
50
60
70
F=50Hz
T initial = 25°C
j
t(s)
10
100
01
2345
678
V (V)
T
I (A)
T
T initial = 25°C
j
I [T ] / I [T =25°C]
HH
jj
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T (°C)
j
-25
0
25
50
75
100
125
0.96
0.98
1.00
1.02
1.04
1.06
1.08
V
[ ] / V
[ =25°C]
BO
BO
TT
jj
T (°C)
j
I [ ] / I [ =25°C]
RR
TT
jj
25
50
75
100
125
1
10
100
1000
2000
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com