Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP173 Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP173
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP173 Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP173 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP173 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP173 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP173 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXP173
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 0.1
2
DESCRIPTION
AXP173 is a highly integrated power management
IC(PMIC) targeted at single cell Li-battery(Li-ion
or Li-polymer) applications that require multi-
channel power conversion outputs. It provides an
easy and flexible power management solution for
multi-core processors to meet the complex and
accurate requirements of power control.
AXP173 contains an adaptive USB-Compatible
charger, 2 Buck DC-DC converter, 4 low dropout
linear regulator(LDOs), multi-channel 12-bit ADC
including voltage/current/temperature monitoring.
To ensure the security and stability of the power
system, AXP173 also provides self-protection
circuits such as over-voltage protection (OVP),
under-voltage protection (UVP), over-current
protection
(OCP)
and
over-temperature
protection(OTP).
AXP173 has three input sources, including external
Adapter ACIN, USB VBUS input and battery.The
“Intelligent Power Select”(IPS)™ circuit of AXP173
distributes power safely and transparently among
the ACIN, USB, Li-Battery and the application
system. It also allows application system to work
normally when only running at the external input
voltage and not the battery.
AXP173 provides TWSI(Two Wire Serial Interface) to
communicate with the application processor.
Through the interface, processor can enable or
disable the outputs, and set the output voltage, as
well as get the power status and “fuel gauge” data,
High-accuracy(0.5%) Fuel Gauge data makes it
convenient for consumer real-time control and
know the system power dissipation, which brings
them wonderful experience of device electricity
usage that never had before. AXP173 can work
under stand-alone mode without the application
processor to intervene if the system had no need to
adjust the defalut output voltage of AXP173.
AXP173 is available in a 5mm x 5mm 32-pins
package.
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com