Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP176 Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP176
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP176 Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP176 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP176 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP176 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP176 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXP176
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 0.1
2
DESCRIPTION
AXP176 is a highly integrated power management
IC(PMIC) targeted at single cell Li-battery(Li-ion
or Li-polymer) applications that require multi-
channel power conversion outputs. It provides an
easy and flexible power management solution for
multi-core processors to meet the complex and
accurate requirements of power control.
AXP176 contains an USB-Compatible charger, 1
Buck DC-DC converter, 3 low dropout linear
regulator(LDOs), multi-channel 12-bit ADC including
voltage/current/temperature
monitoring.
To
ensure the security and stability of the power
system, AXP176 also provides self-protection
circuits such as over-voltage protection(OVP),
under-voltage protection (UVP), over-current
protection
(OCP)
and
over-temperature
protection(OTP).
The ‘Intelligent Power Select’ (IPS)™ circuit of
AXP176 distributes power safely and transparently
among the USB, Li-Battery and the application
system. It also allows application system to work
normally when only running at the external input
voltage and not the battery.
AXP176 has two input sources, including USB VBUS
input and battery. AXP176 provides TWSI(Two Wire
Serial Interface) to communicate with the
application processor. Through the interface,
processor can enable or disable the outputs, and set
the output voltage, as well as get the power status
and “fuel gauge” data, High-accuracy ADC makes it
convenient for consumer real-time control and
know the system power dissipation, which brings
them wonderful experience of device electricity
usage that never had before.
AXP176 is available in a 23-ball 2.61mm x 2.56mm
WLCSP package.
AXP176 has a very tiny package, so it is well to use
on wearable device such as smart watch, smart cup,
and so on.
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com