Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP216 Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP216
Description  Advanced PMU for Multi-core Application Processors integrated High-Accuracy Gas Gauge and Flash Charger
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP216 Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP216 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP216 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP216 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP216 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXP216
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
2
System Management
- Supports soft reset and hard reset
- Supports soft shutdown and hard shutdown
- Supports external wakeup triggers
- Supports PWROK for system rest or shutdown
indication
- External power detection(insert/remove/drive
strength deficiency)
- All output voltage support software boot
- Over/Under-voltage protection (OVP/UVP)
- Over-current protection (OCP)
- Over-temperature protection (OTP)
High Integration
- Highly accurate (0.5%) reference voltage
- Integrates MOSFET
APPLICATIONS
Tablets, smartphones, smart TVs, DVRs
UMPC and UMPC-like, student computers
DESCRIPTION
AXP216 is a highly integrated PMIC targeted at single
cell Li-battery (Li-ion or Li-polymer) applications that
require multi-channel power conversion outputs. It
provides an easy and flexible power management
solution for multi-core processors to meet the
increasingly complex and accurate requirements of
power control.
AXP216 comes with an adaptive USB3.0-compatible
Flash Charger that supports up to 94% efficiency and
2.2A charge current. It also provides 11 power output
channels (including 5-CH DCDC, with efficiency up to
95%). To ensure the security and stability of the
power system, AXP216 provides multiple-channel 12-
bit ADC for voltage/current temperature monitoring
and integrates protection circuits such as OVP, UVP,
OTP, and OCP. Moreover, AXP216 integrates a unique
E-GaugeTM system which simplifies battery power
measurement.
In addition, AXP216 contains a fast interface for the
system to dynamically adjust output voltage and
enable work mode switch in order to optimize battery
life.
Importantly, AXP216 also features an IPSTM
(Intelligent Power Select) circuit that transparently
selects power path among USB, external adapter, Li-
battery, and system load, allowing the system to
function normally when only running on external
input power and not the battery.
AXP216 is available in 8mm x 8mm x 0.75mm 68-pin
QFN package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com