Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS511-PHB Datasheet(PDF) 18 Page - Fortune Semiconductor Corp.

Part # FS511-PHB
Description  18-bit ADC with 1 low noise OPAMP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS511-PHB Datasheet(HTML) 18 Page - Fortune Semiconductor Corp.

Back Button FS511-PHB Datasheet HTML 10Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 11Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 12Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 13Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 14Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 15Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 16Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 17Page - Fortune Semiconductor Corp. FS511-PHB Datasheet HTML 18Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
14. Revision History
Ver.
Date
Page
Description
0.3
unknown
-
Initial version of document.
1.0
2003/12/08
1
Revise "Electrical Characteristics, Micro-process
Interface, Power System, Clock Generator, Function
Network, Application Note”
2
18-bit
high-resolution
10Hz
output
rate
(Programmable).
3-4
Revise “Specification Table”.
8
Delete
“Bandgap
Voltage
Reference
and
Temperature sensor”
9-10
Deleted
Bandgap
Voltage
Reference
and
Temperature sensor Network setting.
15-16
Add “Example Network setting” and “ Demo code for
Digital interface”
1.1
2004/09/13
All
Reformat and correct the contents
7
Add “Absolute Maximum Ratings”.
10
Add back “Bandgap Voltage Reference and
Temperature sensor”
12
Add back “Bandgap Voltage Reference and
Temperature sensor” network.
19
Add “Package Information”
1.2
2005/07/31
4
Add SOP20 Pb free package part number.
20
Add Package Outline, SOP20
21
Add Revision History
1.3
2006/02/17
6
Correct “Typical Application Circuit”
13
Complete setting of OPAMP input operation method
1.4
2006/05/19
15
Correct description of the sign bit
1.5
2006/12/21
All
Revise datasheet format
1.6
2013/04/26
4
Add “FS511-GHB” in “Ordering Information”
1.7
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com