Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9704B Datasheet(PDF) 39 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 39 Page - Fortune Semiconductor Corp.

Back Button FS9704B Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 41Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 42Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 43Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
FS970X
Rev. 4.4
39/46
AC Voltage (ACV)
Vx
TENM
10M
R
FUSE+PTC
1M
 or 100K or 10K or 1K
XOHM
COMMON
10K
AGND
SGND
DCV
XOHM
XOHM
TENM<0>
ON CHIP
OFF CHIP
CPN
AGND
CPN<1>
CPN<0>
C
COMPENSATION
C
DECOUPLE
ACEN
CMPEN1
ACBUF
CMP1
AGND
1M
27nF
INH
INL
FTR
FTR
BPFTR
ADIMUX
ADIMUX
FTB
FTC
FTA
OFF CHIP
FREQ
CMPMUX
ACL
SGND
ACH
90K
ACDIV
10K
AGND
ACDIVB
10uF
RCTOP
2k
RCTEN
ACH
AGND
100
K
47 nF
ACL
25
19~22
18
17
38
37
40
39
42
43
36
35
41
23
24
17
Graph
20. Function network diagram of AC voltage.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
0.5V
10h
5Bh
00h
10h
F0h
93
9F
00
00
5V~100V
x0h
5Bh
00h
10h
D0h
93h
9Fh
00h
00h
Chart 26. AC voltage register setup.
Whereas, the value of RGD<7:4> is determined by the function, as show in Chart .
The voltage signal of 5V~1000V will decay to be lower than 0.5V by a suitable multiple of decay network. It
will go through a AC buffer with gain value of 1, and then into a AC/DC converter or true mean square converter.
It then goes through a pre-filter, and into ADC. Under 0.5V, setting ACDIV=1 will allow the 10-times decay
signal to be 10-times amplified by AC buffer, reversing it back within the dynamic range of 0.5V before feeding it
into AC/DC converter or true mean square converter.
DC Current (DCA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com