Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721B Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9721B
Description  2,400 counts auto range DMM IC,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721B Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9721B Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
FS9721B
Rev. 1.7
13/35
13
RS232 Transmission Protocol
Direction: One-way to computer.
Series Transmission Rate: 2400 bps
Data Bit: 8 bit.
Odd and Even Calibration: None
Data Decimal: Hex
Data Length: 14 Bytes.
Data Information: LCD table on-off information.
Data Format:
1st byte → 1X (X is seg1, 4 bits represent the data on the LCD table)
2nd byte→ 2X (X is seg2, 4 bits represent the data on the LCD table)
3rd byte → 3X (X is seg3, 4 bits represent the data on the LCD table)
and so on.
1X → 4 bit,
2X→ 4 bit,
3X→ 4 bit
……………
EXH→ 4it
X means: Bit3〜Bit 0→ segn (COM4―COM1)
Sampling Rate: 40KHz
ADC Output Frequency: 40Hz
ADC Output Frequency after Average: 10Hz
Output Frequency after Auto-Zero: 4Hz
14
LCD Display -- FS9721B/Q100(C2=LCDC2= C1=LCDC1=
Notes: 1. Working Voltage: 3V.
2. Drive Method: 1/4
Duty, 1/3 Bias.
Diagram 4
LCD Display Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com