Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9922-DMM4 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS9922-DMM4
Description  Integrated Circuits of 6,000 Counts
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9922-DMM4 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS9922-DMM4 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
FS9922-DMM4
Rev. 1.4
21/37
AC Rectification Circuit
Diagram 18 is the average value rectification circuitry of FS9922-DMM4. In the circuit, AC signals enter IC
through R31, and then in the process of voltage division through R31, R30, R29, R28 and R27. The divided AC
signals come out from OP1O pin and enter IC through ADIP pin and ADIN pin after rectification. VR2 can adjust
the signal size to be the calibration of AC measurement.
Diagram 19 is the peak value rectification circuitry. Diagrams 20 and 21 are the true valid value rectification
circuitry. Users may determine which rectification circuit to select according to their needs.
+
_
+
_
+
_
C8
4.7uF
C10
0.47uF
C9
0.47uF
D3
D2
C12
27nF
C11
27nF
ToDigit Part
INL
INH
ToADC V-
ToADC V+
ADIP ADIN OP2O
OP2N
OP1O
OP1N
ToADC V+
FS9922-DMM4
OP2P
R13
100k
R12
100k
R11 22k
R10
22k
VR2
2k
R9
18k
R8
90k
R7
10k
Diagram 18: Average Rectification Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com