Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100LC-90 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMP100LC-90
Description  TRISILTM FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-90 Datasheet(HTML) 5 Page - STMicroelectronics

  SMP100LC-90 Datasheet HTML 1Page - STMicroelectronics SMP100LC-90 Datasheet HTML 2Page - STMicroelectronics SMP100LC-90 Datasheet HTML 3Page - STMicroelectronics SMP100LC-90 Datasheet HTML 4Page - STMicroelectronics SMP100LC-90 Datasheet HTML 5Page - STMicroelectronics SMP100LC-90 Datasheet HTML 6Page - STMicroelectronics SMP100LC-90 Datasheet HTML 7Page - STMicroelectronics SMP100LC-90 Datasheet HTML 8Page - STMicroelectronics SMP100LC-90 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMP100LC
5/10
APPLICATION NOTE
In such a stage, parallel function is assumed by one or several Trisil, and is used to protect against short
duration surge (lightning). During this kind of surges the Trisil limits the voltage across the device to be
protected at its break over value and then fires. The fuse assumes the series function, and is used to pro-
tect the module against long duration or very high current mains disturbances (50/60Hz). It acts by safe
circuits opening. Lightning surge and mains disturbance surges are defined by standards like GR1089,
FCC part 68, ITU-T K20.
Figure 8: Variation of thermal impedance
junction to ambient versus pulse duration
(Printed
circuit
board
FR4,
SCu=35µm,
recommended pad layout)
Figure
9:
Relative
variation
of
junction
capacitance versus reverse voltage applied
(typical values)
In wireline applications, analog or digital, both central office and subscriber sides have to be protected.
This function is assumed by a combined series / parallel protection stage.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1
10
100
t (s)
p
Z/R
th(j-a)
th(j-a)
C [V ] / C [V =2V]
RR
12
5
10
20
50
100
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V (V)
R
F =1MHz
V= 1V
T = 25°C
j
RMS
Line
Ring
relay
Line
Ex. Analog line card
Ex. ADSL line card or terminal
Fuse TCP 1.25A
T1
T2
SMP100LC-xxx
Typical circuit for subscriber side
Fuse TCP 1.25A
Tip S
Gnd
SMP100LC-xxx
Ring S
SMP100LC-xxx
Fuse TCP 1.25A
Tip L
Gnd
Ring L
Typical circuit for central office side



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com