Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20138 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST20138
Description  PCI/USB ADSL CHIPSET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20138 Datasheet(HTML) 3 Page - STMicroelectronics

  ST20138 Datasheet HTML 1Page - STMicroelectronics ST20138 Datasheet HTML 2Page - STMicroelectronics ST20138 Datasheet HTML 3Page - STMicroelectronics ST20138 Datasheet HTML 4Page - STMicroelectronics ST20138 Datasheet HTML 5Page - STMicroelectronics ST20138 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
ST70138
September 2004
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
4
HARDWARE FEATURES
■
SUPPORT DIGITAL SIGNAL PROCESSING
REQUIREMENTS FOR ONE ADSL CPE
CHANNEL (ITU-R)
■
COMPLIANT WITH ITU 992.1 (ADSL FULL
RATE) ANNEX A (ADSL OVER POTS),
ANNEX B (ADSL OVER ISDN), ITU 922.2
(G.LITE) AND ANSI T1.413.
■
ENHANCED FTP TRANSFER CAPABILTIES
■
DIRECT INTERFACE TO USB (USB RELEASE
1.1 SPECIFICATION)
■
DIRECT INTERFACE TO EXTERNAL 8/16bit
SERIAL MEMORY TO SUPPORT USB
USER'S CONFIGURATION.
■
DIRECT ANALOG FRONT END INTERFACE
FOR MTC20174
■
CLOCK & RESET INTERFACE
■
1.8V AND 3.3V POWER SUPPLY
■
TTL LOGIC LEVELS COMPATIBLE
■
POWER MANAGEMENT CAPABILITIES
■
LOW POWER CONSUMPTION : MAX 0.45W
■
TQFP144 (ORDER CODE ST70138T -
BACKWARD COMPATIBLE WITH PREVIOUS
ST70137)
■
LFBGA80 (ORDER CODE ST70138B)
5
DESCRIPTION
Unicorn II is an evolution of the field-proven and
mass deployed Unicorn modem that dramatically
lowers the overall system cost when designing
and producing a USB ADSL modem. The Unicorn
II chipset is designed using cost effective CMOS
technology, further integrating external compo-
nents which leads to even lower E-BOM costs, re-
duced
component
count
and
lower
PCB
complexity; All of this while increasing overall per-
formance. Its proven controller-less and SDRAM-
less architecture is highly competitive and well
suited in today's cost focused modem market.
The Unicorn II chipset is designed to simplify the
development of low-cost ADSL CPE modems for
Windows, Mac and Linux based environments and
enables manufacturers to achieve a very compet-
itive production cost. Due to its controller-less ar-
chitecture and particularly the advantage that it
does not require an external SDRAM in its E-BOM,
the total cost of the external components needed
in the modem is the best in its class. With a low
component count of less then 140 external compo-
nents and small form factor packages, the Unicorn
II easily fits on a standard 2 layer single sided PCB
with small dimensions which is contributes signifi-
cantly to further lowering overall system costs. To-
gether with its low power consumption, high-
speed performance up to 8 Mbps and customiz-
able complete software driver packages, the Uni-
corn II is the ideal choice for USB based ADSL
modems.
The ST70138T/B is the ADSL DMT transceiver
chip of the UNICORN2™ Chipset.
ST70138T in intended to be used as a pin-to-pin
replacement part of the ST70137 device in order
to get advantage from its better cost-structure and
its enhanced FTP transfer capabilities. ST70138T
is packaged in a TQ144 package. Full backward
compatibility with already existing USB PCB de-
signs is assured.
ST70138B, packaged in LFBGA80 is intended for
new PCB designs, which will benefit from exten-
sive E-BOM reduction in the reference design,
mass production friendly EEPROM programma-
tion, enhanced FTP throughput and overall lower
system cost structures.
Eleven years of experience have enabled ST to de-
velop a chipset that offers full compatibility with all
current full-rate and G.lite ADSL standards, USB
standards including plug-and-play support. The Uni-
corn II chipset has a comprehensive driver suite that
supports Windows operating systems from 98 to XP,
Mac operating systems 8 to X and Linux. The Unicorn
is fully interoperable with all major DSLAMs and is
compliant to TR-048 (DSLforum) and ETSI 101 388
performance requirements.
DATA BRIEF
UNICORN II™ USB
CONTROLLERLESS ADSL DMT TRANCEIVER
Figure 2. Packages
Table 1. Order Codes
Part Number
Package
ST70138T
TQFP144
ST70138B
LFBGA80
TQFP144
LFBGA80



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com