Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2011U2 Datasheet(PDF) 21 Page - 3PEAK INC.

Part # TP2011U2
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2011U2 Datasheet(HTML) 21 Page - 3PEAK INC.

Back Button TP2011U2 Datasheet HTML 13Page - 3PEAK INC. TP2011U2 Datasheet HTML 14Page - 3PEAK INC. TP2011U2 Datasheet HTML 15Page - 3PEAK INC. TP2011U2 Datasheet HTML 16Page - 3PEAK INC. TP2011U2 Datasheet HTML 17Page - 3PEAK INC. TP2011U2 Datasheet HTML 18Page - 3PEAK INC. TP2011U2 Datasheet HTML 19Page - 3PEAK INC. TP2011U2 Datasheet HTML 20Page - 3PEAK INC. TP2011U2 Datasheet HTML 21Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
www.3peakic.com.cn
REV1.2
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Package Outline Dimensions
TSSOP-14
Symbol
Dimensions
In Millimeters
MIN
TYP
MAX
A
-
-
1.20
A1
0.05
-
0.15
A2
0.90
1.00
1.05
b
0.20
-
0.28
c
0.10
-
0.19
D
4.86
4.96
5.06
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65 BSC
L
0.45
0.60
0.75
L1
1.00 REF
L2
0.25 BSC
R
0.09
-
-
θ
0°
-
8°
E
e
E1
A1
D
L1
L2
L
R
R1
θ
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com