Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2012 Datasheet(PDF) 13 Page - 3PEAK INC.

Part # TP2012
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2012 Datasheet(HTML) 13 Page - 3PEAK INC.

Back Button TP2012 Datasheet HTML 9Page - 3PEAK INC. TP2012 Datasheet HTML 10Page - 3PEAK INC. TP2012 Datasheet HTML 11Page - 3PEAK INC. TP2012 Datasheet HTML 12Page - 3PEAK INC. TP2012 Datasheet HTML 13Page - 3PEAK INC. TP2012 Datasheet HTML 14Page - 3PEAK INC. TP2012 Datasheet HTML 15Page - 3PEAK INC. TP2012 Datasheet HTML 16Page - 3PEAK INC. TP2012 Datasheet HTML 17Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
www.3peakic.com.cn
REV1.2
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
2. For Inverting Configuration:
a) Connect the guard ring to the non-inverting input pin (VIN+). This biases the guard ring to the same reference voltage as
the comparator (e.g., VDD/2 or ground).
b) Connect the inverting pin (VIN–) to the input with a wire that does not touch the PCB surface.
Figure 6. Example Guard Ring Layout for Inverting Comparator
Ground Sensing and Rail to Rail Output
The TP201x family implements a rail-to-rail topology that is capable of swinging to within 10mV of either rail. Since the
inputs can go 300mV beyond either rail, the comparator can easily perform ‘true ground’ sensing.
The maximum output current is a function of total supply voltage. As the supply voltage of the comparator increases,
the output current capability also increases. Attention must be paid to keep the junction temperature of the IC below
150°C when the output is in continuous short-circuit condition. The output of the amplifier has reverse-biased ESD
diodes connected to each supply. The output should not be forced more than 0.5V beyond either supply, otherwise
current will flow through these diodes.
ESD
The TP201x family has reverse-biased ESD protection diodes on all inputs and output. Input and output pins can not
be biased more than 300mV beyond either supply rail.
Power Supply Layout and Bypass
The TP201x family’s power supply pin should have a local bypass capacitor (i.e., 0.01μF to 0.1μF) within 2mm for
good high frequency performance. It can also use a bulk capacitor (i.e., 1μF or larger) within 100mm to provide large,
slow currents. This bulk capacitor can be shared with other analog parts.
Good ground layout improves performance by decreasing the amount of stray capacitance and noise at the
comparator’s inputs and outputs. To decrease stray capacitance, minimize PCB lengths and resistor leads, and place
external components as close to the comparator’ pins as possible.
Proper Board Layout
The TP201x family is a series of fast-switching, high-speed comparator and requires high-speed layout considerations.
For best results, the following layout guidelines should be followed:
1. Use a printed circuit board (PCB) with a good, unbroken low-inductance ground plane.
2. Place a decoupling capacitor (0.1μF ceramic, surface-mount capacitor) as close as possible to supply.
3. On the inputs and the output, keep lead lengths as short as possible to avoid unwanted parasitic feedback
around the comparator. Keep inputs away from the output.
4. Solder the device directly to the PCB rather than using a socket.
5. For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000 pF or less)
placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes some
degradation to propagation delay when the impedance is low. The topside ground plane should be placed
between the output and inputs.
6. The ground pin ground trace should run under the device up to the bypass capacitor, thus shielding the inputs
from the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com