Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60L06CW Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH60L06CW
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60L06CW Datasheet(HTML) 5 Page - STMicroelectronics

  STTH60L06CW Datasheet HTML 1Page - STMicroelectronics STTH60L06CW Datasheet HTML 2Page - STMicroelectronics STTH60L06CW Datasheet HTML 3Page - STMicroelectronics STTH60L06CW Datasheet HTML 4Page - STMicroelectronics STTH60L06CW Datasheet HTML 5Page - STMicroelectronics STTH60L06CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STTH60L06C
5/6
Figure 12: TO-247 Package Mechanical Data
F2
F1
V2
L4
L2
L1
L3
D
L
L5
ME
H
V
V
A
Dia.
F3
F4
G
=
=
F(x3)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
4.85
5.15 0.191
0.203
D
2.20
2.60 0.086
0.102
E
0.40
0.80 0.015
0.031
F
1.00
1.40 0.039
0.055
F1
3.00
0.118
F2
2.00
0.078
F3
2.00
2.40 0.078
0.094
F4
3.00
3.40 0.118
0.133
G
10.90
0.429
H
15.45
15.75 0.608
0.620
L
19.85
20.15 0.781
0.793
L1
3.70
4.30 0.145
0.169
L2
18.50
0.728
L3
14.20
14.80 0.559
0.582
L4
34.60
1.362
L5
5.50
0.216
M
2.00
3.00 0.078
0.118
V5°
5°
V2
60°
60°
Dia.
3.55
3.65 0.139
0.143
Table 7: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ Recommended torque value: 0.8 m.N.
■ Maximum torque value: 1.0 m.N.
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH60L06CW
STTH60L06CW
TO-247
4.46 g
50
Tube
Table 8: Revision History
Date
Revision
Description of Changes
07-Sep-2004
1
First issue



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com