Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2312 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP2312
Description  10MHz Bandwidth, Low Noise Precision Op-amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2312 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP2312 Datasheet HTML 5Page - 3PEAK INC. TP2312 Datasheet HTML 6Page - 3PEAK INC. TP2312 Datasheet HTML 7Page - 3PEAK INC. TP2312 Datasheet HTML 8Page - 3PEAK INC. TP2312 Datasheet HTML 9Page - 3PEAK INC. TP2312 Datasheet HTML 10Page - 3PEAK INC. TP2312 Datasheet HTML 11Page - 3PEAK INC. TP2312 Datasheet HTML 12Page - 3PEAK INC. TP2312 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
TP2311/TP2312 / TP2314
10MHz Bandwidth, Low Noise Precision Op-amps
www.3peakic.com.cn
Rev. A04
Pin Functions
-IN: Inverting Input of the Amplifier.
+IN: Non-Inverting Input of Amplifier.
OUT: Amplifier Output. The voltage range extends to
within mV of each supply rail.
V+ or +Vs: Positive Power Supply. Typically the voltage
is from 2.2V to 5.5V. Split supplies are possible as long
as the voltage between V+ and V
– is between 2.2V and
5.5V
. A bypass capacitor of 0.1μF as close to the part as
possible should be used between power supply pins or
between supply pins and ground.
V- or -Vs: Negative Power Supply. It is normally tied to
ground. It can also be tied to a voltage other than
ground as long as the voltage between V+ and V– is from
2.2V to 5.5V. If it is not connected to ground, bypass it
with a capacitor of 0.1μF as close to the part as
possible.
Operation
The TP2311 series op amps can operate on a single-supply voltage (2.2 V to 5.5 V), or a split-supply voltage (±1.1 V to
±2.75 V), making them highly versatile and easy to use. The power-supply pins should have local bypass ceramic
capacitors (typically 0.001 μF to 0.1 μF). These amplifiers are fully specified from +2.2 V to +5.5 V and over the
extended temperature range of
–40°C to +125°C. Parameters that can exhibit variance with regard to operating voltage
or temperature are presented in the Typical Characteristics.
Applications Information
Input ESD Diode Protection
The TP2311 incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case of input and
output pins, this protection primarily consists of current-steering diodes connected between the input and power-supply
pins. These ESD protection diodes also provide in-circuit input overdrive protection, as long as the current is limited to
10 mA as stated in the Absolute Maximum Ratings table. Many input signals are inherently current-limited to less than
10 mA; therefore, a limiting resistor is not required. Figure 1 shows how a series input resistor (RS) may be added to
the driven input to limit the input current. The added resistor contributes thermal noise at the amplifier input and the
value should be kept to the minimum in noise-sensitive applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com