Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2331 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TP2331
Description  1.6MHz Bandwidth, Low Noise Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2331 Datasheet(HTML) 3 Page - 3PEAK INC.

  TP2331 Datasheet HTML 1Page - 3PEAK INC. TP2331 Datasheet HTML 2Page - 3PEAK INC. TP2331 Datasheet HTML 3Page - 3PEAK INC. TP2331 Datasheet HTML 4Page - 3PEAK INC. TP2331 Datasheet HTML 5Page - 3PEAK INC. TP2331 Datasheet HTML 6Page - 3PEAK INC. TP2331 Datasheet HTML 7Page - 3PEAK INC. TP2331 Datasheet HTML 8Page - 3PEAK INC. TP2331 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
          
3 
TP2331/TP2332 / TP2334
1.6MHz Bandwidth, Low Noise Precision Op‐amps
www.3peakic.com
Rev. A
Electrical Characteristics
The specifications are at TA = 27°C. VS = +2.7 V to +5.5 V, or ±1.35 V to ±2.75 V, RL = 2kΩ, CL =100pF.Unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = VDD/2, VDD= 5V
-50
±2
+50
μV
VOS TC
Input Offset Voltage Drift
-40°C to 125°C
1
2
μV/°C
IB
Input Bias Current
TA = 27 °C
0.3
3
pA
TA = 85 °C
150
pA
TA = 125 °C
300
pA
IOS
Input Offset Current
0.001
pA
Vn
Input Voltage Noise
f = 0.1Hz to 10Hz
4.1
μVPP
en
Input Voltage Noise Density
f = 1kHz
13
nV/√Hz
in
Input Current Noise
f = 1kHz
2
fA/√Hz
CIN
Input Capacitance
Differential
Common Mode
7.76
6.87
pF
CMRR
Common Mode Rejection Ratio
VCM = 2V to 3V
85
110
dB
VCM
Common-mode Input Voltage
Range
V– -0.1
V+-0.1
V
PSRR
Power Supply Rejection Ratio
VCM = 2.5V, VS = 4.8V to 5V
75
100
dB
AVOL
Open-Loop Large Signal Gain
RLOAD = 2kΩ
100
130
dB
VOL, VOH
Output Swing from Supply Rail
RLOAD = 2kΩ
15
45
mV
ROUT
Closed-Loop Output Impedance
G = 1, f =1kHz, IOUT = 0
0.002
Ω
RO
Open-Loop Output Impedance
f = 1kHz, IOUT = 0
125
Ω
ISC
Output Short-Circuit Current
Sink or source current
95
130
mA
VDD
Supply Voltage
2.2
5.5
V
IQ
Quiescent Current per Amplifier
190
280
μA
PM
Phase Margin
RLOAD = 1kΩ, CLOAD = 60pF
80
°
GM
Gain Margin
RLOAD = 1kΩ, CLOAD = 60pF
15
dB
GBWP
Gain-Bandwidth Product
f = 1kHz
1.6
MHz
SR
Slew Rate
AV = 1, VOUT = 1.5V to 3.5V, CLOAD =
60pF, RLOAD = 1kΩ
0.36
0.84
V/μs
FPBW
Full Power Bandwidth Note 1
58.6
kHz
tS
Settling Time, 0.1%
Settling Time, 0.01%
AV = –1, 1V Step
4.4
4.4
μs
THD+N
Total Harmonic Distortion and
Noise
f = 1kHz, AV =1, RL = 2kΩ, VOUT = 1Vp-p
0.0003
%
Xtalk
Channel Separation
f = 1kHz, RL = 2kΩ
110
dB
Note 1: Full power bandwidth is calculated from the slew rate FPBW = SR/π • VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com