Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFL201212SF-R22 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # CFL201212SF-R22
Description  FERRITE CHIP INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

CFL201212SF-R22 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  CFL201212SF-R22 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. CFL201212SF-R22 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. CFL201212SF-R22 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. CFL201212SF-R22 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
FERRITE CHIP INDUCTOR-RoHS
Your Perfect Inductor
Rev.1501
CFL201212SF TYPE
●FEATURE
1. Wire wound SMD inductors, signal line used
2. Highly accurate dimensions and reliable
●Applications
1. Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
C
D
E
F
G
K
H
I
CFL201212SF(0805) 2.40Max 1.65Max 1.30Max
0.65
1.00
0.44
1.00
2.80
1.78
0.76
Note1. Measurement frequency of Inductance value : at electrical characteristics
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : This indicates the value of current when the inductances is 10% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=20℃,which is lower.(Ta=20℃)
Note4. Inductance tolerance: J: ±5% ;K: ±10% ; M: ±20%
Note5. Ordering Code (P/N)
1.TYPE NAME : CFL201212SF
2.INDUCTANCE VALUE : 100(10uH)
3.INDUCTANCE TOLERANCE : □(see Note4)
I
TERMINAL
K


Similar Part No. - CFL201212SF-R22

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CFL252018CF FENGJUI-CFL252018CF Datasheet
146Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL252018CF-100 FENGJUI-CFL252018CF-100 Datasheet
146Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL252018CF-150 FENGJUI-CFL252018CF-150 Datasheet
146Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL252018CF-1R2 FENGJUI-CFL252018CF-1R2 Datasheet
146Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL252018CF-1R5 FENGJUI-CFL252018CF-1R5 Datasheet
146Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
More results

Similar Description - CFL201212SF-R22

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFI NIC-NFI Datasheet
147Kb / 5P
Ferrite Chip Inductor
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603 ABRACON-AIML-0603 Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.26.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
logo
FENGJUI TECHNOLOGY CO.,...
CFL161010CF FENGJUI-CFL161010CF Datasheet
152Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL252018CF FENGJUI-CFL252018CF Datasheet
146Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL252018SF FENGJUI-CFL252018SF Datasheet
150Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
CFL322522SF FENGJUI-CFL322522SF Datasheet
144Kb / 3P
FERRITE CHIP INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com