Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC0504-R10J Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # AC0504-R10J
Description  SMD COILS-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

AC0504-R10J Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  AC0504-R10J Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. AC0504-R10J Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. AC0504-R10J Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD COILS-RoHS
Your Perfect Inductor
Rev.1601
AC□□□□ TYPE
●FEATURE
1. High Q over a wide frequency range.
2. Very close tolerance
●Applications
1. Satellite communication system.
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
C
D
E
H
I
J
K
AC0403
3.68 REF
3.05 REF
3.18 REF 2.92±0.25 0.58±0.38
3.30
1.27
1.65
2.79
AC0703
6.86 REF
3.05 REF
3.18 REF 5.84±0.25 0.58±0.38
3.30
1.27
4.70
2.79
AC0504
4.96 MAX 3.81 MAX 4.20 MAX 4.32±0.39 1.53±0.39
5.16
1.48
2.85
2.62
AC1006
10.55 MAX 6.35 MAX 5.97 MAX 7.98±0.51 1.27±0.39
4.70
2.04
5.95
2.42
Note1. Measurement equipment of electrical : HP E4991A
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Inductance tolerance: J: ±5% ; K: ±10%
Note4. Ordering code : Part number + Inductance tolerance
Note5. Packaging: Taping ; Quantity : AC0403-2000 Piece/reel ; AC0703-2000 Piece/reel
AC0504-1000 Piece/reel ; AC1006-750 Piece/reel
Note6. This specification might be changed without notice due to under developing and improving.
Thank you for your understanding.


Similar Part No. - AC0504-R10J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC05000000JAC00 VISHAY-AC05000000JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000001509JAC00 VISHAY-AC05000001509JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000001509JAC00 VISHAY-AC05000001509JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000001JAC00 VISHAY-AC05000001JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
More results

Similar Description - AC0504-R10J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6SH220M PANASONIC-ELL6SH220M Datasheet
225Kb / 2P
SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M_05 Datasheet
152Kb / 2P
SMD Choke Coils
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
SMD Choke Coils
logo
Panasonic Battery Group
ELLATV1R5N PANASONICBATTERY-ELLATV1R5N Datasheet
62Kb / 2P
SMD Choke Coils
logo
Panasonic Semiconductor
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
SMD Choke Coils
logo
TDK Electronics
VLF3010S TDK-VLF3010S Datasheet
47Kb / 2P
SMD Inductors(Coils)
VLF4014A TDK-VLF4014A Datasheet
39Kb / 1P
SMD Inductors(Coils)
logo
Panasonic Semiconductor
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
SMD Choke Coils
logo
FENGJUI TECHNOLOGY CO.,...
SDIA8040 FENGJUI-SDIA8040 Datasheet
178Kb / 2P
SMD INDUCTOR-RoHS
logo
TDK Electronics
HPL505032F1080MRD3P TDK-HPL505032F1080MRD3P Datasheet
237Kb / 3P
SMD / SMT Inductors (Coils)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com